Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMDB1-15SS1K Datasheet(PDF) 7 Page - ITT Industries

Part # RMDB1-15SS1K
Description  Micro-D Plastic Shell - .050 Contact Spacing
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RMDB1-15SS1K Datasheet(HTML) 7 Page - ITT Industries

Back Button RMDB1-15SS1K Datasheet HTML 3Page - ITT Industries RMDB1-15SS1K Datasheet HTML 4Page - ITT Industries RMDB1-15SS1K Datasheet HTML 5Page - ITT Industries RMDB1-15SS1K Datasheet HTML 6Page - ITT Industries RMDB1-15SS1K Datasheet HTML 7Page - ITT Industries RMDB1-15SS1K Datasheet HTML 8Page - ITT Industries RMDB1-15SS1K Datasheet HTML 9Page - ITT Industries RMDB1-15SS1K Datasheet HTML 10Page - ITT Industries RMDB1-15SS1K Datasheet HTML 11Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Micro-D Plastic Shell - .050" Contact Spacing
MD
Mounting Hardware Views (Sizes 9-51)
.178 ± .005
(4.52 ± 0.13)
This hardware supplied unassembled.
Screw Lock Assembly
90˚ Angle Mounting Bracket
Description
Screw Lock Assembly
Jackpost Kit
322-9500-000
320-9505-000
015-9516-000
.100
(2.54)
.122
(3.10)
.257
(6.53)
.215
(5.46)
015-9516-000
Mounting Bracket, 90˚ Angle-
MD*1
for 9 thru 37 Shell Sizes
MD*1
for 51 Shell Size
NOTES: Screw lock assembly (322-9500-000) can be used for front front mounting. Jackpost kit
(320-9505-000) consists of 2 assemblies, shipped unassembled.
Part Number
A
± .005 (0.13)
B
Max.
Screw Lock Assembly*
*NOTE: Torque value is 4.0 in/lbs max.
Jackpost - (P)
90˚ Angle Mounting Bracket
.052
(1.32) TYP.
.260
(6.60) MAX.
#2-56
UNC-2B
THD
B
.096 ± .005
(2.44 ± 0.13)DIA.
.093 (2.36)
RECOMMENDED
PANEL THICKNESS
BUSHING
.182 (4.62)
MAX.
.688 (17.48)
MAX.
.408 (10.36)
MAX.
RETAINING
CLIP
LOCK
SCREW
MATING
FACE
CONNECTOR
SHOWN FOR
REF. ONLY
#2-56 UNC-2B
.185 (4.70) MAX.
.500
(12.7)
MAX.
PANEL REF.
.232 (5.89) MAX.
#2-56 UNC-2A
.170
(4.32) MAX.
A
.014 +_ .004
(0.36 +_ 0.10) ALLOWABLE
DIAMETRAL FLOAT
.020 (0.51) MAX. ALLOWABLE
AXIAL FLOAT
.150 +_ .003
(3.81 +_ .076)
.185 (4.70)
MAX
.093
(2.36)
REF.
.090 +_ .0015
(2.29 +_ 0.038)DIA
.031 +_ .003
(0.79 +_ 0.08)
MATING
FACE
MATING
FACE
#2-56
UNC-2A
.490
(12.45) MAX
MATING
FACE
CONNECTOR
SHOWN FOR
REF ONLY
HEX HEAD -
.050 (1.27) ACROSS FLATS
.050 (1.27) DEEP (REF)
.155
(3.94) MAX.
PART HAS A .040 (1.02)
MAX. AXIAL FLOAT
#2-56
UNC-2A
Jackscrew - (L) Low Profile
Jackscrew - (K) Standard
Float Mount - (F)
PART HAS A .040 (1.02)
MAX AXIAL FLOAT
CONNECTOR
SHOWN FOR
REF. ONLY
This hardware is factory installed.
Shown here is a cutaway view of the float mount for the MD connector.
The basic shell dimensions are the same for the float mount and the
screw mounting hole configurations. View shown is for standard float
mount front panel mounting. Reverse mounting is available on request.
* NOTE: Torque values are as follows:
Low Profile Jackscrew (L)-2.5 in/lbs
Standard Jackscrew (K)-2.5 in/lbs
34
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change


Similar Part No. - RMDB1-15SS1K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RMD-10V102MG10U-R2 TAIYO-YUDEN-RMD-10V102MG10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V102MG10UQ-R2 TAIYO-YUDEN-RMD-10V102MG10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10U-R2 TAIYO-YUDEN-RMD-10V152MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10UQ-R2 TAIYO-YUDEN-RMD-10V152MH10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-16V102MH10U-R2 TAIYO-YUDEN-RMD-16V102MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
More results

Similar Description - RMDB1-15SS1K

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
015-9516-002 ITT-015-9516-002 Datasheet
385Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM ITT-MDM Datasheet
321Kb / 8P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDM-9PL1P ITT-MDM-9PL1P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
025-9524-000 ITT-025-9524-000 Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
List of Unclassifed Man...
MDM-37PH003B ETC2-MDM-37PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM-51PH001P ETC2-MDM-51PH001P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
Glenair, Inc.
MWDL-9P-4K1-18 GLENAIR-MWDL-9P-4K1-18 Datasheet
391Kb / 2P
   Micro-D Plastic Shell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com