Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML401-G Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # ML401-G
Description  1.7-2.2 GHz High IP3 Mixer with Integrated LO Amp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ML401-G Datasheet(HTML) 3 Page - WJ Communication. Inc.

  ML401-G Datasheet HTML 1Page - WJ Communication. Inc. ML401-G Datasheet HTML 2Page - WJ Communication. Inc. ML401-G Datasheet HTML 3Page - WJ Communication. Inc. ML401-G Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 3 of 4 June 2006
ML401
1.7–2.2 GHz High IP3 Mixer with Integrated LO Amp
Product Information
The Communications Edge
TM
Typical Downconversion Performance Plots (cont’d)
Performance using the circuitry on the ML401-PCB Evaluation Board
Input IP3 vs RF Frequency vs Temperature
LO = 0 dBm, IF = 50 MHz, low-side LO
24
26
28
30
32
34
1700
1750
1800
1850
1900
1950
2000
RF Frequency (MHz)
-40 °C
+25 °C
+85 °C
Input IP3 vs RF Frequency vs Temperature
LO = 0 dBm, IF = 150 MHz, low-side LO
24
26
28
30
32
34
1700
1750
1800
1850
1900
1950
2000
RF Frequency (MHz)
-40 °C
+25 °C
+85 °C
Input IP3 vs RF Frequency vs Temperature
LO = 0 dBm, IF = 250 MHz, low-side LO
24
26
28
30
32
34
1700
1750
1800
1850
1900
1950
2000
RF Frequency (MHz)
-40 °C
+25 °C
+85 °C
Input IP3 vs RF Frequency vs LO Power
+25 °C, IF = 50 MHz, low-side LO
24
26
28
30
32
34
1700
1750
1800
1850
1900
1950
2000
RF Frequency (MHz)
LO = -3 dBm
LO = 0 dBm
LO = 3 dBm
Input IP3 vs RF Frequency vs LO Power
+25 °C, IF = 150 MHz, low-side LO
24
26
28
30
32
34
1700
1750
1800
1850
1900
1950
2000
RF Frequency (MHz)
LO = -3 dBm
LO = 0 dBm
LO = 3 dBm
Input IP3 vs RF Frequency vs LO Power
+25 °C, IF = 250 MHz, low-side LO
24
26
28
30
32
34
1700
1750
1800
1850
1900
1950
2000
RF Frequency (MHz)
LO = -3 dBm
LO = 0 dBm
LO = 3 dBm
RF Return Loss vs LO Frequency
+25 °C, LO = 0 dBm
-25
-20
-15
-10
-5
0
1700
1750
1800
1850
1900
1950
2000
RF Frequency (MHz)
IF = 50 MHz
IF = 150 MHz
IF = 250 MHz
IF Return Loss vs IF Frequency
+25 °C, LO = 0 dBm
-50
-40
-30
-20
-10
0
50
100
150
200
250
IF Frequency (MHz)
LO = 1550 MHz
LO = 1650 MHz
LO = 1750 MHz
LO = 1850 MHz
LO Return Loss vs LO Frequency
+25 °C
-25
-20
-15
-10
-5
0
1600
1700
1800
1900
2000
LO Frequency (MHz)
L-R Isolation vs LO Frequency
Referenced with LO = 0 dBm
0
5
10
15
20
25
1600
1700
1800
1900
2000
LO Frequency (MHz)
-40 °C
+25 °C
+85 °C
L-I Isolation vs LO Frequency
Referenced with LO = 0 dBm
10
15
20
25
30
35
1600
1700
1800
1900
2000
LO Frequency (MHz)
-40 °C
+25 °C
+85 °C
R-I Isolation vs LO Frequency
0
5
10
15
20
25
1800
1850
1900
1950
2000
2050
2100
LO Frequency (MHz)
-40 °C
+25 °C
+85 °C
Input P1dB vs RF Frequency
IF = 100 MHz, low-side LO at 0 dBm
12
14
16
18
20
22
1700
1750
1800
1850
1900
1950
2000
RF Frequency (MHz)
-40 °C
+25 °C
+85 °C


Similar Part No. - ML401-G

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML40123N MITSUBISHI-ML40123N Datasheet
106Kb / 3P
   AIGaAs LASER DIODES
ML40126N MITSUBISHI-ML40126N Datasheet
51Kb / 4P
   FOR OPTICAL INFORMATION SYSTEMS
ML4016C MITSUBISHI-ML4016C Datasheet
206Kb / 7P
   MITSUCISHI LASER DIODES
ML4016N MITSUBISHI-ML4016N Datasheet
206Kb / 7P
   MITSUCISHI LASER DIODES
ML4016R MITSUBISHI-ML4016R Datasheet
206Kb / 7P
   MITSUCISHI LASER DIODES
More results

Similar Description - ML401-G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC485MS8G HITTITE-HMC485MS8G Datasheet
260Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC485MS8G HITTITE-HMC485MS8G_08 Datasheet
264Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.4 GHz
logo
WJ Communication. Inc.
ML501 WJCI-ML501 Datasheet
310Kb / 4P
   1.9-2.7 GHz High IP3 Mixer with Integrated LO Amp
ML485 WJCI-ML485 Datasheet
284Kb / 4P
   1.6-3.2 GHz High IP3 Mixer with Integrated LO Amp
logo
TriQuint Semiconductor
ML483 TRIQUINT-ML483_15 Datasheet
322Kb / 8P
   0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
ML485 TRIQUINT-ML485 Datasheet
299Kb / 4P
   1.6-3.2 GHz High IP3 Mixer with Integrated LO Amp
ML485-G TRIQUINT-ML485-G_15 Datasheet
459Kb / 9P
   1.5-3.2 GHz High IP3 Mixer with Integrated LO Amp
logo
Hittite Microwave Corpo...
HMC400MS8 HITTITE-HMC400MS8 Datasheet
223Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC400MS8 HITTITE-HMC400MS8_08 Datasheet
233Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC785LP4E HITTITE-HMC785LP4E Datasheet
499Kb / 12P
   BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com