Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K5V2BU43G Datasheet(PDF) 6 Page - ITT Industries

Part # K5V2BU43G
Description  Right Angle Lighted SMT Tact Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

K5V2BU43G Datasheet(HTML) 6 Page - ITT Industries

  K5V2BU43G Datasheet HTML 1Page - ITT Industries K5V2BU43G Datasheet HTML 2Page - ITT Industries K5V2BU43G Datasheet HTML 3Page - ITT Industries K5V2BU43G Datasheet HTML 4Page - ITT Industries K5V2BU43G Datasheet HTML 5Page - ITT Industries K5V2BU43G Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.ittcannon.com
B–35
Dimensions shown in: mm (inch)
Specifications and dimensions subject to change
B
K5V
Panel Mount Lighted Tact Switch
10,4
9,7
3
AB
1
4
CB
2
(.413)
(.381)
K5V PM
1,3
4
1,92
8,15 ±0,2
0,6
5,2
8,05 ±0,15
Force
Plating
LED
Day of year
Shift
(.051)
(.205)
(.316±.006)
(320±.008)
(.023)
(.157)
1,92
Year
AB
CB
1
2
4
3
AG/CY
CG/AY
1
2
4
3
Y
G
AG/CY
CG/AR
1
2
4
3
R
AG/CR
Bi-Color LED — YG
Bi-Color LED — RG
Single Color LED
A
A
B
B
290 ±1
22
7,46
9,24
10,8
10
Sens de thermoformage
SEE DETAIL Q
COUPE A-A
COUPE B-B
11,5
10,6
4,9
7
DETAIL Q
(11.417±.039)
(.866)
7,46
7,46
(.452)
(.417)
(.276)
(.425)
(.364)
PRODUCT IDENTIFICATION AND DATE CODES
SUITABLE FOR PANEL THICKNESS OF 1.8MM MAX
ELECTRICAL DIAGRAM
TRAY
TERMINAL REFERENCES


Similar Part No. - K5V2BU43G

ManufacturerPart #DatasheetDescription
logo
C&K Components
K5V CK-COMPONENTS-K5V Datasheet
743Kb / 6P
   Right Angle Lighted SMT Tact Switch
K5V CK-COMPONENTS-K5V Datasheet
782Kb / 5P
   Illuminated Tact Switch
13 May 22
logo
ITT Industries
K5V10023G ITT-K5V10023G Datasheet
220Kb / 2P
   Right Angle Lighted SMT Tact Switch
K5V10023T ITT-K5V10023T Datasheet
461Kb / 2P
   Right Angle Lighted THT Tact Switch
K5V10033P ITT-K5V10033P Datasheet
238Kb / 2P
   Panel Mount Lighted Tact Switch
More results

Similar Description - K5V2BU43G

ManufacturerPart #DatasheetDescription
logo
ITT Industries
K5V_SMT ITT-K5V_SMT Datasheet
220Kb / 2P
   Right Angle Lighted SMT Tact Switch
logo
C&K Components
K5V CK-COMPONENTS-K5V Datasheet
743Kb / 6P
   Right Angle Lighted SMT Tact Switch
K5AT CK-COMPONENTS-K5AT Datasheet
448Kb / 2P
   Lighted SMT Tact Switch
logo
ITT Industries
K5V_THT ITT-K5V_THT Datasheet
461Kb / 2P
   Right Angle Lighted THT Tact Switch
K5V_PM ITT-K5V_PM Datasheet
238Kb / 2P
   Panel Mount Lighted Tact Switch
logo
C&K Components
K8WH41G CK-COMPONENTS-K8WH41G Datasheet
483Kb / 3P
   Lighted SMT Tact Switch with Rugged LED Mounting Process
logo
ITT Industries
KT11B0SAM34LFS ITT-KT11B0SAM34LFS Datasheet
216Kb / 4P
   Right Angle Sealed Tact Switch for SMT
KT11P2SA3M33 ITT-KT11P2SA3M33 Datasheet
113Kb / 4P
   Right Angle Sealed Tact Switch for SMT
logo
C&K Components
KT11SM34LFS CK-COMPONENTS-KT11SM34LFS Datasheet
249Kb / 4P
   Right Angle Sealed Tact Switch for SMT
KT11B1JM34LFS CK-COMPONENTS-KT11B1JM34LFS Datasheet
227Kb / 4P
   Right Angle Sealed Tact Switch for SMT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com