Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMDVB1-21SH1K Datasheet(PDF) 11 Page - ITT Industries

Part # RMDVB1-21SH1K
Description  Micro-D Plastic Shell - .050 Contact Spacing
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RMDVB1-21SH1K Datasheet(HTML) 11 Page - ITT Industries

Back Button RMDVB1-21SH1K Datasheet HTML 3Page - ITT Industries RMDVB1-21SH1K Datasheet HTML 4Page - ITT Industries RMDVB1-21SH1K Datasheet HTML 5Page - ITT Industries RMDVB1-21SH1K Datasheet HTML 6Page - ITT Industries RMDVB1-21SH1K Datasheet HTML 7Page - ITT Industries RMDVB1-21SH1K Datasheet HTML 8Page - ITT Industries RMDVB1-21SH1K Datasheet HTML 9Page - ITT Industries RMDVB1-21SH1K Datasheet HTML 10Page - ITT Industries RMDVB1-21SH1K Datasheet HTML 11Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Micro-D Plastic Shell - .050" Contact Spacing
MD**
Panel Mounting Hardware
Clip Mounting
Description
Dimensions (Clip Mounting Only)
Coupling Retention Clip
(see Figure 2)
Mounting Screw Brackets
(see Figures 1 and 3)
Panel
Mounting Key
Edgeboard Mounted
(see Figure 4)
Plug and Receptacle
Rear Mounted
Plug and Receptacle
Front Mounted
Plug Front Mounted
Receptacle Rear Mounted
Part Number
201-9100-000
294-9100-000
015-9100-000
015-5009-000
MD51428-1
Panel Mounting Key
Mounting Key and Coupling Clip Assembly
Mounting Screw Bracket
Edgeboard Mounting Bracket
Edgeboard Mounting Bracket and
Coupling Clip Assembly
Must be ordered separately; specify left and right hand for complete
assembly.
.200 ± .005 (5.08 ± 0.13)
.330 ± .005
(8.38 ± 0.13)
.265 ± .005 (6.73 ± 0.13)
Must be ordered separately; assembly contains set of left and right
hand types.
*
**
*
**
Illustrated is the recommended method of front mounting
with metal panel mounting keys. Panel mounting keys are
available with or without coupling retention clips.
For front mounting, place the rear of the connector thru
the panel cutout. With the mounting flange against the
panel, fully insert the panel mounting keys thru the slots
in the flange and thru the panel cutout. Retaining the
keys in this position, bend them outward against the rear
of the panel. When mating a front mounted connector
with an unmounted connector, a coupling retention clip
assembly may be used to securely lock the two together.
Mounting screw brackets are available and may be used
instead of the panel mounting keys.
Panel Cutouts
Figure 1
Figure 3
Rear Mounting
Figure 4
Edgeboard Mounting
Figure 2
Front Mounting
D
C
C
A
A
FULL R. (TYP.)
FULL R. (TYP.)
D
.015 (0.38)R.
MAX. (TYP.)
.075 + .005 - .000
(1.91 + 0.13 _ 0.00)
.182 + .004 - .000
(4.62 + 0.10 - 0.00)
PANEL REF.
.018 + .002 - .000
(0.46 + 0.05 - 0.00)
.005 (0.13) MAX.
R. (TYP.)
26˚/27˚ TYP.
.015 (0.38)R.
MAX. (TYP.)
A
A
B
B
B
B
A panel thickness of 1/8" (3.17mm) maximum is recommended for ease of tab bending
when a panel mounting key & clip assembly or edgeboard mounting brackets are used.
Front mounting is preferred. However, when rear mounting is necessary, use figure 3 for
dimensions.
Figure 4 is for edge board mounting bracket or edgeboard clip assembly. The .184 +_ .002
(2.67 +_ 0.05) dimension locates the MD socket insulator flush with the end of the board.
Screw brackets (015-9100-000) will accommodate #2-56 screws.
Front mounting (Figure 1) and rear mounting (Figure 3) accommodate #2-56 screws.
1.
2.
3.
4.
5.
Shell
Size
9
15
21
25
37
51
1
2
3
4
1
2
3
4
1
2
3
4
1
2
3
4
1
2
3
4
1
2
3
4
.408 (10.36)
.408 (10.36)
.378 ( 9.60)
.400 (10.16)
.588 (14.94)
.588 (14.94)
.528 (13.28)
.550 (13.97)
.738 (18.75)
.738 (18.75)
.678 (17.27)
.700 (17.78)
.838 (21.29)
.838 (21.29)
.778 (19.76)
.800 (20.32)
1.138 (28.91)
1.138 (28.91)
1.078 (27.38)
1.100 (27.94)
1.088 (27.64)
1.088 (27.64)
1.028 (26.11)
1.050 (26.67)
.172 (4.37)
.172 (4.37)
.217 (5.51)
.091 (2.31)
.172 (4.37)
.172 (4.37)
.217 (5.51)
.091 (2.31)
.172 (4.37)
.172 (4.37)
.217 (5.51)
.091 (2.31)
.172 (4.37)
.172 (4.37)
.217 (5.51)
.091 (2.31)
.172 (4.37)
.172 (4.37)
.217 (5.51)
.091 (2.31)
.215 (5.46)
.215 (5.46)
.260 (6.60)
.091 (2.31)
.650 (16.51)
-
.650 (16.51)
-
.795 (20.19)
-
.795 (20.19)
-
.945 (24.00)
-
.945 (24.00)
-
1.045 (26.54)
-
1.045 (26.54)
-
1.345 (34.16)
-
1.345 (34.16)
-
1.295 (32.89)
-
1.295 (32.89)
-
.089 (2.26)
-
.089 (2.26)
-
.089 (2.26)
-
.089 (2.26)
-
.089 (2.26)
-
.089 (2.26)
-
.089 (2.26)
-
.089 (2.26)
-
.089 (2.26)
-
.089 (2.26)
-
.089 (2.26)
-
.089 (2.26)
-
Cutout
Figure
A
+ .004 (0.10)
- .000 (0.00)
B
+ .004 (0.10)
- .000 (0.00)
C
+ .004 (0.10)
- .000 (0.00)
D
+ .005 (0.13)
- .000 (0.00)
38
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change


Similar Part No. - RMDVB1-21SH1K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RMD-10V102MG10U-R2 TAIYO-YUDEN-RMD-10V102MG10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V102MG10UQ-R2 TAIYO-YUDEN-RMD-10V102MG10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10U-R2 TAIYO-YUDEN-RMD-10V152MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10UQ-R2 TAIYO-YUDEN-RMD-10V152MH10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-16V102MH10U-R2 TAIYO-YUDEN-RMD-16V102MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
More results

Similar Description - RMDVB1-21SH1K

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
015-9516-002 ITT-015-9516-002 Datasheet
385Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM ITT-MDM Datasheet
321Kb / 8P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDM-9PL1P ITT-MDM-9PL1P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
025-9524-000 ITT-025-9524-000 Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
List of Unclassifed Man...
MDM-37PH003B ETC2-MDM-37PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM-51PH001P ETC2-MDM-51PH001P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
Glenair, Inc.
MWDL-9P-4K1-18 GLENAIR-MWDL-9P-4K1-18 Datasheet
391Kb / 2P
   Micro-D Plastic Shell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com