Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD1488 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SD1488
Description  HF to 2000 MHz Class AB Common Source - PowerSO-10RF
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SD1488 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SD1488 Datasheet HTML 1Page - List of Unclassifed Manufacturers SD1488 Datasheet HTML 2Page - List of Unclassifed Manufacturers SD1488 Datasheet HTML 3Page - List of Unclassifed Manufacturers SD1488 Datasheet HTML 4Page - List of Unclassifed Manufacturers SD1488 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Bipolar HF
2 to 30MHz class AB linear, common emitter, HF / SSB
Part number
Freq.
[MHz]
Pout
[W]
Gain (typ)
[dB]
VCC
[V]
Class
Rth(j-c)
[°C/W]
IMD
[dB]
Package
M177
Bipolar VHF and UHF
27 to 512MHz class C, common emitter
Part number
Freq.
[MHz]
Pout
[W]
Gain
[dB]
VCC
[V]
Class
Rth(j-c)
[°C/W]
Package
M174
M113
M122
M135
SD1726
30
150
14
50
AB
0.75
-30
M174
SD1727
30
150
14
50
AB
0.75
-30
M164
SD1731
30
220
13
50
AB
0.55
-30
M174
SD1728
30
250
14.5
50
AB
0.4
-30
M177
SD1446
50
70
10
12.5
C
1.05
M113
SD1405
50
100
7
12.5
C
0.65
M174
SD1274
160
30
10
13.6
C
1.2
M135
SD1274-01
160
30
10
13.6
C
1.2
M113
SD1275
160
40
9
13.6
C
1.2
M135
SD1275-01
160
40
9
13.6
C
1.2
M113
SD1433
470
10
7
12.5
C
3
M122
SD1488
470
38
5.8
12.5
C
1.5
M111
DB-960-60W#
PD57070S 925 to 960
Cellular repeater
60
26
51 to 56
13.4
DB-900-60W#
PD57070S 869 to 894
Cellular repeater
60
26
48 to 55
14.3
DB-57070S-930
PD57070S 900 to 930
Repeater
60
28
>50
>14
DB-960-70W#
PD57045S 925 to 960
Cellular repeater
70
26
50 to 52
13.3
DB-900-80W#
PD57045S 869 to 894
Cellular repeater
80
26
50 to 54
14.1
DB-960-90W#
PD57060S 925 to 960
Cellular repeater
90
26
45 to 48
12.8
DB-900-100W#
PD57060S 869 to 894
Cellular repeater
100
26
42 to 47
13.8
DB-56120-520#
SD56120 400 to 520
PMR BTS +
UHF radar
>120
30
50 to 60
14
DB-57060S-526
PD57060S 486 to 526
UHF TV repeater
40 PEP
26
33 to 39
15.5
Demoboard
Device
Frequency
[MHz]
Application
Pout
[W]
VDD
[V]
Efficiency
[%]
Gain
[dB]
Demoboards - Cellular/TV repeaters
M164
# Only read & record data + gerber files are available


Similar Part No. - SD1488

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1488 STMICROELECTRONICS-SD1488 Datasheet
60Kb / 4P
   RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
July 24, 1993
More results

Similar Description - SD1488

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FLL600IQ-2 FUJITSU-FLL600IQ-2 Datasheet
100Kb / 4P
   Push-Pull Configuration, Broad Frequency Range: 800 to 2000 MHz, Suitable for class AB operation
logo
Teledyne Technologies I...
AC2039 TELEDYNE-AC2039 Datasheet
180Kb / 2P
   10 TO 2000 MHz 10 TO 2000 MHz
logo
eleflow technologies co...
2SC1969 ELEFLOW-2SC1969 Datasheet
310Kb / 3P
   10 to 14 watts output power class AB ampliflers applications in HF band.
2SC1945 ELEFLOW-2SC1945 Datasheet
332Kb / 4P
   10 to 14 watts output power class AB amplifiers applications in HF band.
logo
STMicroelectronics
RF5L052K0CB4 STMICROELECTRONICS-RF5L052K0CB4 Datasheet
1Mb / 12P
   2000 W, 50 V, HF to 500 MHz RF power LDMOS transistor
October 2021 Rev 2
logo
List of Unclassifed Man...
QPP-003 ETC1-QPP-003 Datasheet
43Kb / 2P
   60W, 869-894 MHz Class AB Power Stage
logo
SIRENZA MICRODEVICES
SDM-09120-1Y SIRENZA-SDM-09120-1Y Datasheet
94Kb / 5P
   915-960 MHz Class AB 130W Power Amplifier
logo
Micronetics, Inc.
NMA2412-A1S MICRONETICS-NMA2412-A1S Datasheet
347Kb / 2P
   Legacy 10 MHz to 2000 MHz
NMA2412-B1T MICRONETICS-NMA2412-B1T Datasheet
166Kb / 2P
   Legacy 10 MHz to 2000 MHz
NMA2412-A1T MICRONETICS-NMA2412-A1T Datasheet
377Kb / 2P
   Legacy 10 MHz to 2000 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com