Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD1274-01 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SD1274-01
Description  HF to 2000 MHz Class AB Common Source - PowerSO-10RF
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SD1274-01 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SD1274-01 Datasheet HTML 1Page - List of Unclassifed Manufacturers SD1274-01 Datasheet HTML 2Page - List of Unclassifed Manufacturers SD1274-01 Datasheet HTML 3Page - List of Unclassifed Manufacturers SD1274-01 Datasheet HTML 4Page - List of Unclassifed Manufacturers SD1274-01 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DB-54003L-930
PD54003L 860 to 930 RFID - USA & Canada
1.5
5
51 to 55
6.8
DB-54003L-880
PD54003L 800 to 880 PMR portable - USA
2.5
7.5
53 to 60
12.1
DB-54003-470
PD54003 400 to 470
UHF PMR portable
3
7.5
50 to 53
12.1
DB-54003L-175A
PD54003L 155 to 175
VHF marine radio
3
7.5
67 to 75
15.1
DB-55003L-512
PD55003L 410 to 512
Wireless alarm
systems
3
12.5
50 to 57
15.8
DB-54008L-472#
PD54008L 448 to 472
UHF meter reader
4
5
55 to 65
12.5
DB-54003L-512
PD54003L 380 to 512
UHF PMR portable
4.5
7.5
51 to 61
12
DB-55003L-175#
PD55003L 136 to 175
Sonar buoy
5
17
67 to 81
18.2
DB-54003L-470
PD54003L 400 to 470
UHF PMR portable
5
7.5
56 to 61
13.5
DB-54003L-175
PD54003L 135 to 175
VHF PMR portable
5.5
7.5
63 to 76
16
DB-55008L-175
PD55008L 135 to 175
Wireless alarm
systems
6
12.5
61 to 67
17.4
DB-54008L-406
PD54008L 400 to 420
EPIRB
7
7.5
58 to 62
13
DB-55008L-960
PD55008L 860 to 960
RFID - worldwide
7
12.5
46 to 56
10
DB-54008L-470
PD54008L 400 to 470
UHF PMR portable
7
7.5
50 to 70
13
DB-55008L-880
PD55008L 800 to 880 USA car wireless link
7
12.5
53 to 62
14.1
DB-54008L-175
PD54008L 135 to 175
VHF PMR portable
7
7.5
55 to 60
16.2
DB-54008L-830
PD54008L 800 to 830 Wireless data modem
7
7.5
56 to 60
8
DB-55008-500
PD55008 400 to 500
UHF PMR mobile
driver
8
12.5
48 to 54
13.9
DB-55008L-470
PD55008L 400 to 470
Wireless data modem
UHF PMR mobile
driver
8
12.5
49 to 61
16.7
DB-915-12W#
PD55015S 880 to 915 GSM railways + data
modem
12
12.5
50
12.5
DB-55025-540
PD55025 460 to 540
UHF PMR radio
20
13.6
51 to 66
12.5
DB-55035S-930#
PD55035S 900 to 930
UHF PMR mobile
30
13.6
48 to 56
11.5
DB-55035S-480#
PD55035S 440 to 480
UHF PMR mobile
30
13.6
50 to 55
14.5
DB-55015-165
PD55015 155 to 165
VHF marine mobile
radio
30
20
60 to 72
14.7
DB-55035S-175#
PD55035S 145 to 175
VHF PMR mobile
30
13.6
56 to 71
12.5
Demoboard
Device
Frequency
[MHz]
Application
Pout
[W]
VDD
[V]
Efficiency
[%]
Gain
[dB]
Demoboards - Radio communications
#Only read & record data + gerber files are available
Reference Design
Device
Frequency
[MHz]
Application
Pout
[W]
VDD
[V]
ID max
[A]
Gain
[dB]
Reference designs - VHF/UHF radio applications
AB-54003L-520*
PD84001 + PD54003L + filter 470 to 520
2 Way portable radio
4
7.2
1.5
29
AB-54003L-450
PD84001 + PD54003L + filter 380 to 450
2 Way portable radio
4
7.2
1.5
29
AB-54003L-175
PD84001 + PD54003L + filter 135 to 175
2 Way portable radio
4
7.2
1.4
29
AB-54008L-175
PD84001 + PD54008L + filter 135 to 175
2 Way portable radio
5
7.2
1.5
29
AB-84006L-175*
PD84001 + PD84006L + filter 135 to 175
2 Way portable radio
5
7.2
1.3
32
AB-84006L-470*
PD84001 + PD84006L + filter 400 to 470
2 Way portable radio
5
7.2
1.3
32
AB-84006L-870*
PD84001 + PD84006L + filter 760 to 870
2 Way portable radio
5
7.2
1.5
25
* In development


Similar Part No. - SD1274-01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1274-01 STMICROELECTRONICS-SD1274-01 Datasheet
79Kb / 7P
   RF POWER BIPOLAR TRANSISTORS VHF MOBILE APPLICATIONS
logo
Advanced Semiconductor
SD1274-01 ASI-SD1274-01 Datasheet
34Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - SD1274-01

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FLL600IQ-2 FUJITSU-FLL600IQ-2 Datasheet
100Kb / 4P
   Push-Pull Configuration, Broad Frequency Range: 800 to 2000 MHz, Suitable for class AB operation
logo
Teledyne Technologies I...
AC2039 TELEDYNE-AC2039 Datasheet
180Kb / 2P
   10 TO 2000 MHz 10 TO 2000 MHz
logo
eleflow technologies co...
2SC1969 ELEFLOW-2SC1969 Datasheet
310Kb / 3P
   10 to 14 watts output power class AB ampliflers applications in HF band.
2SC1945 ELEFLOW-2SC1945 Datasheet
332Kb / 4P
   10 to 14 watts output power class AB amplifiers applications in HF band.
logo
STMicroelectronics
RF5L052K0CB4 STMICROELECTRONICS-RF5L052K0CB4 Datasheet
1Mb / 12P
   2000 W, 50 V, HF to 500 MHz RF power LDMOS transistor
October 2021 Rev 2
logo
List of Unclassifed Man...
QPP-003 ETC1-QPP-003 Datasheet
43Kb / 2P
   60W, 869-894 MHz Class AB Power Stage
logo
SIRENZA MICRODEVICES
SDM-09120-1Y SIRENZA-SDM-09120-1Y Datasheet
94Kb / 5P
   915-960 MHz Class AB 130W Power Amplifier
logo
Micronetics, Inc.
NMA2412-A1S MICRONETICS-NMA2412-A1S Datasheet
347Kb / 2P
   Legacy 10 MHz to 2000 MHz
NMA2412-B1T MICRONETICS-NMA2412-B1T Datasheet
166Kb / 2P
   Legacy 10 MHz to 2000 MHz
NMA2412-A1T MICRONETICS-NMA2412-A1T Datasheet
377Kb / 2P
   Legacy 10 MHz to 2000 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com