Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MN54ABT240-X Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. MN54ABT240-X
Description  OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

MN54ABT240-X Datasheet(HTML) 4 Page - National Semiconductor (TI)

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MN54ABT240-X REV 0B0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
4.5V to 5.5V Temp Range: -55C to 125C
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
ICCH
Supply Current
VCC=5.5V, VINH=5.5V, VINL=0.0V
1, 4 VCC
250.0
uA
1, 2,
3
ICCL
Supply Current
VCC=5.5V, VINH=5.5V, VINL=0.0V
1, 4 VCC
30.0
mA
1, 2,
3
ICCZ
Supply Current
VCC=5.5V, VINH=5.5V, VINL=0.0V
1, 4 VCC
250.0
uA
1, 2,
3
ICCT
Supply Current
VCC=5.5V, OE=0.0V Input under
test=3.4V Other inputs=5.5V or 0.0V
1, 4 VCC
2.5
mA
1, 2,
3
VCC=5.5V, OE=3.4V Other inputs=5.5V or
0.0V
1, 4 VCC
2.5
mA
1, 2,
3
VCC=5.5V, OE=5.5V Input under
test=3.4V Other inputs=5.5V or 0.0V
1, 4 VCC
50.0
uA
1, 2,
3
IIH
High Level Input
Current
VCC=5.5V, VINH=5.5V
1, 4 IN
2.0
uA
1, 2,
3
IIL
Low Level Input
Current
VCC=5.5V, VINL=0.0V
1, 4 IN
-2.0
uA
1, 2,
3
IOZH
Maximum TRI-STATE
Leakage Current
HIGH
VCC=5.5V, VOUT=2.7V VINL=0.0V, VIH
(OE)=2.0V
1, 4 OUT
10.0
uA
1, 2,
3
IOZL
Maximum TRI-STATE
Leakage Current
LOW
VCC=5.5V, VOUT=0.5V VINH=5.5V, VIH
(OE)=2.0V
1, 4 OUT
-10.0
uA
1, 2,
3
ICEX
Output High
Leakage Current
VCC=5.5V, VOUT=5.5V VINH=5.5V
1, 4 OUT
50.0
uA
1, 2,
3
IOS
Output Short
Circuit Current
VCC=5.5V, VOUT=0.0V VINH=5.5V
1,
4,
10
OUT
-100
-275
mA
1, 2,
3
IOS1
Output Short
Circuit Current
VCC=5.5V, VOUT=2.5V VINH=5.5V
1,
4,
10
OUT
-50
-180
mA
1, 2,
3
IBVI
Input High
Current Breakdown
Test
VCC=5.5V, VINH=7.0V
1, 4 OUT
7.0
uA
1, 2,
3
IZZ
Bus Drainage Test
VCC=0.0V, VOUT=4.5V, VINL=0.0V
1, 4 OUT
-100
100
uA
1, 2,
3
VOL
Low Level Output
Voltage
VCC=4.5V, IOL=48.0mA, VINH=4.5V,
VINL=0.0V, VIH=2.0V, VIL=0.8V
1, 4 OUT
0.55
V
1, 2,
3
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn