Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS26522G Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS26522G
Description  Dual T1/E1/J1 Transceiver
Download  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26522G Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS26522G Datasheet HTML 7Page - Maxim Integrated Products DS26522G Datasheet HTML 8Page - Maxim Integrated Products DS26522G Datasheet HTML 9Page - Maxim Integrated Products DS26522G Datasheet HTML 10Page - Maxim Integrated Products DS26522G Datasheet HTML 11Page - Maxim Integrated Products DS26522G Datasheet HTML 12Page - Maxim Integrated Products DS26522G Datasheet HTML 13Page - Maxim Integrated Products DS26522G Datasheet HTML 14Page - Maxim Integrated Products DS26522G Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 258 page
background image
DS26522 Dual T1/E1/J1 Transceiver
11 of 258
Detailed alarm and status reporting with optional interrupt support
Large path and line error counters
T1: BPV, CV, CRC-6, and framing bit errors
E1: BPV, CV, CRC-4, E-bit, and frame alignment errors
Timed or manual update modes
DS1 Idle Code Generation on a per-channel basis in both transmit and receive paths
User defined
Digital Milliwatt
ANSI T1.403-1999 support
G.965 V5.2 link detect
Ability to monitor one DS0 channel in both the transmit and receive paths
In-band repeating pattern generators and detectors
Three independent generators and detectors
Patterns from 1 to 8 bits or 16 bits in length
Bit-oriented code (BOC) support
Flexible signaling support
Software or hardware based
Interrupt generated on change of signaling data
Optional receive-signaling freeze on loss of frame, loss of signal, or frame slip
Hardware pins provided to indicate loss of frame (LOF), loss of signal (LOS), loss of transmit clock
(LOTC), or signaling freeze condition
Automatic RAI generation to ETS 300 011 specifications
RAI-CI and AIS-CI support
Expanded access to Sa and Si bits
Option to extend carrier loss criteria to a 1ms period as per ETS 300 233
Japanese J1 support
Ability to calculate and check CRC-6 according to the Japanese standard
Ability to generate Yellow Alarm according to the Japanese standard
T1-to-E1 conversion
2.6
System Interface
Independent two-frame receive and transmit elastic stores
Independent control and clocking
Controlled slip capability with status
Minimum delay mode supported
Flexible TDM backplane supports bus rates from 1.544MHz to 16.384MHz
Supports T1 to CEPT (E1) conversion
Programmable output clocks for fractional T1, E1, H0, and H12 applications
Interleaving PCM bus operation
Hardware signaling capability
Receive-signaling reinsertion to a backplane multiframe sync
Availability of signaling in a separate PCM data stream
Signaling freezing
Ability to pass the T1 F-bit position through the elastic stores in the 2.048MHz backplane mode
User-selectable synthesized clock output


Similar Part No. - DS26522G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26522DK MAXIM-DS26522DK Datasheet
914Kb / 23P
   Dual T1/E1/J1 Transceiver Demo Kit
REV: 091806
More results

Similar Description - DS26522G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
   Octal T1/E1/J1 Transceiver
REV: 012405
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
   Quad T1/E1/J1 Transceiver
REV: 112907
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
   Quad T1/E1/J1 Transceiver
REV: 042204
DS26522DK MAXIM-DS26522DK Datasheet
914Kb / 23P
   Dual T1/E1/J1 Transceiver Demo Kit
REV: 091806
logo
Intel Corporation
LXT386 INTEL-LXT386 Datasheet
530Kb / 78P
   QUAD T1/E1/J1 Transceiver
logo
Maxim Integrated Produc...
DS26521 MAXIM-DS26521 Datasheet
1Mb / 258P
   Single T1/E1/J1 Transceiver
REV: 111606
logo
Dallas Semiconductor
DS26528 DALLAS-DS26528_07 Datasheet
1Mb / 276P
   Octal T1/E1/J1 Transceiver
logo
Maxim Integrated Produc...
DS26524 MAXIM-DS26524 Datasheet
1Mb / 273P
   Quad T1/E1/J1 Transceiver
REV: 102106
logo
List of Unclassifed Man...
DS21Q55 ETC-DS21Q55 Datasheet
1Mb / 237P
   Quad T1/E1/J1 Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com