Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP62S1024BU-70LLI Datasheet(PDF) 5 Page - AMIC Technology

Part # LP62S1024BU-70LLI
Description  128K X 8 BIT LOW VOLTAGE CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S1024BU-70LLI Datasheet(HTML) 5 Page - AMIC Technology

  LP62S1024BU-70LLI Datasheet HTML 1Page - AMIC Technology LP62S1024BU-70LLI Datasheet HTML 2Page - AMIC Technology LP62S1024BU-70LLI Datasheet HTML 3Page - AMIC Technology LP62S1024BU-70LLI Datasheet HTML 4Page - AMIC Technology LP62S1024BU-70LLI Datasheet HTML 5Page - AMIC Technology LP62S1024BU-70LLI Datasheet HTML 6Page - AMIC Technology LP62S1024BU-70LLI Datasheet HTML 7Page - AMIC Technology LP62S1024BU-70LLI Datasheet HTML 8Page - AMIC Technology LP62S1024BU-70LLI Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LP62S1024B-I Series
(August, 2004, Version 1.2)
4
AMIC Technology, Corp.
Recommended DC Operating Conditions
(TA = -40
°C to +85°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
2.7
3.0
3.6
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
-
VCC + 0.3
V
VIL
Input Low Voltage
-0.3
-
+0.6
V
CL
Output Load
-
-
30
pF
TTL
Output Load
-
-
1
-
Absolute Maximum Ratings*
VCC to GND ...............................................-0.5V to +4.6V
IN, IN/OUT Volt to GND ..................... -0.5V to VCC +0.5V
Operating Temperature, Topr ................... -40
°C to +85°C
Storage Temperature, Tstg..................... -55
°C to +125°C
Temperature Under Bias, Tbias................ -10
°C to +85°C
Power Dissipation, PT ............................................... 0.7W
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of this
device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied or intended. Exposure to the absolute maximum
rating conditions for extended periods may affect device
reliability.
DC Electrical Characteristics
(TA = -40
°C to +85°C, VCC = 2.7V to 3.6V, GND = 0V)
Symbol
Parameter
LP62S1024B-55LLI/70LLI
Unit
Conditions
Min.
Max.
⎜ILI
Input Leakage Current
-
1
µA
VIN = GND to VCC
⎜ILO
Output Leakage Current
-
1
µA
CE1 = VIH or CE2 = VIL
or OE = VIH or WE = VIL
VI/O = GND to VCC
ICC
Active Power Supply
Current
-
3
mA
CE1 = VIL, CE2 = VIH
II/O = 0mA
ICC1
Dynamic Operating
-
30
mA
Min. Cycle, Duty = 100%
CE1 = VIL, CE2 = VIH
II/O = 0mA
ICC2
Current
-
3
mA
CE1 = VIL, CE2 = VIH
VIH = VCC, VIL = 0V
f = 1 MHZ, II/O = 0mA
ISB
-
0.5
mA
VCC
≤ 3.3V, CE1 = VIH or CE2 =VIL
ISB1
Standby Power Supply
Current
-
5
µA
VCC
≤ 3.3V, CE1 ≥ VCC - 0.2V or
CE2
≤ 0.2V, VIN ≥ 0V
VOL
Output Low Voltage
-
0.4
V
IOL = 2.1mA
VOH
Output High Voltage
2.2
-
V
IOH = -1.0mA


Similar Part No. - LP62S1024BU-70LLI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S1024BU-70LLT AMICC-LP62S1024BU-70LLT Datasheet
197Kb / 18P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - LP62S1024BU-70LLI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S1024B-T AMICC-LP62S1024B-T Datasheet
197Kb / 18P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024B-T AMICC-LP62S1024B-T_15 Datasheet
250Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024A-I AMICC-LP62S1024A-I Datasheet
155Kb / 15P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024A-T AMICC-LP62S1024A-T Datasheet
189Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S7308B AMICC-A62S7308B Datasheet
277Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024B-I AMICC-LP62S1024B-I_15 Datasheet
207Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D Datasheet
183Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D_15 Datasheet
227Kb / 16P
   128K X 8 BIT CMOS SRAM
A627308 AMICC-A627308 Datasheet
250Kb / 16P
   128K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com