Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSM2180F3V90T6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # DSM2180F3V90T6
Description  DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-218X Family (3.3V Supply)
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3V90T6 Datasheet(HTML) 1 Page - STMicroelectronics

  DSM2180F3V90T6 Datasheet HTML 1Page - STMicroelectronics DSM2180F3V90T6 Datasheet HTML 2Page - STMicroelectronics DSM2180F3V90T6 Datasheet HTML 3Page - STMicroelectronics DSM2180F3V90T6 Datasheet HTML 4Page - STMicroelectronics DSM2180F3V90T6 Datasheet HTML 5Page - STMicroelectronics DSM2180F3V90T6 Datasheet HTML 6Page - STMicroelectronics DSM2180F3V90T6 Datasheet HTML 7Page - STMicroelectronics DSM2180F3V90T6 Datasheet HTML 8Page - STMicroelectronics DSM2180F3V90T6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
1/63
December 2001
DSM2180F3V
DSM (Digital Signal Processor System Memory)
For Analog Devices ADSP-218X Family (3.3V Supply)
FEATURES SUMMARY
s
Glueless Connection to DSP
– Easily add memory, logic, and I/O to DSP
s
128K Byte Flash Memory
– For Bootloading and/or Data Overlay Memory
– Programmable Decoding and Paging Logic
allows accessing Flash memory as Byte DMA
(BDMA) and as External Data Overlay mem-
ory
– Rapidly access Flash memory with BDMA for
booting and loading internal DSP Overlay
memory. Alternatively access the same Flash
memory as External Data Overlay memory to
efficiently write Flash memory with code up-
dates and data, a byte at a time with no DMA
setup overhead
– Individual 16K Byte Flash memory sectors
match size of DSP External Data Overlay
window for efficient data management. Inte-
grated page logic provides easy DSP access
to all 128K Bytes.
– DSM connects to lower byte of 16-bit DSP
data bus. Byte-wide accesses to 8-bit BDMA
space. Half-word accesses to 16-bit Data
Memory Overlay and 16-bit I/O Mem space.
s
3.3V Devices (±10%)
s
Up to 16 Multifunction I/O Pins
– Increase total DSP system I/O capability
– I/O controlled by DSP software or PLD logic
– 4mA I/O pin drive
s
General purpose PLD
– Over 3,000 Gates of PLD with 16 macro cells
– Use for peripheral glue logic to keypads, con-
trol panel, displays, LCD, UART devices, etc.
– Eliminate PLDs and external logic devices
– Create state machines, chip selects, simple
shifters and counters, clock dividers, delays
– Simple PSDsoft ExpressTM software ...Free
Figure 1. Packages
s
In-System Programming (ISP) with JTAG
– Program entire chip in 10-20 seconds with no
involvement of the DSP
– Eliminate sockets for pre-programmed mem-
ory and logic devices
– Efficient manufacturing allows easy product
testing and Just-In-Time inventory
– Use low-cost FlashLINKTM cable with PC
s
Content Security
– Programmable Security Bit blocks access of
device programmers and readers
s
Zero-Power Technology
–25
µA at VCC=3.3V
s
Small Packaging
– 52-pin PQFP or 52-pin PLCC
s
Memory Speed
–150 ns
PLCC52 (K)
PQFP52 (T)


Similar Part No. - DSM2180F3V90T6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DSM2180F3V90T6 STMICROELECTRONICS-DSM2180F3V90T6 Datasheet
809Kb / 63P
   DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-218X Family (5V Supply)
More results

Similar Description - DSM2180F3V90T6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DSM2180F3 STMICROELECTRONICS-DSM2180F3 Datasheet
809Kb / 63P
   DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-218X Family (5V Supply)
DSM2180F3 STMICROELECTRONICS-DSM2180F3_08 Datasheet
1Mb / 63P
   DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
DSM2190F4V STMICROELECTRONICS-DSM2190F4V Datasheet
530Kb / 61P
   DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-2191 DSPs (3.3V Supply)
DSM2150F5V STMICROELECTRONICS-DSM2150F5V Datasheet
1Mb / 73P
   DSM (Digital Signal Processor System Memory) for Analog Devices DSPs (3.3V Supply)
logo
Analog Devices
ADSP-218X AD-ADSP-218X Datasheet
119Kb / 21P
   ADSP-218x Family EZ-ICE Hardware Installation
logo
New Japan Radio
NJU26040-16A NJRC-NJU26040-16A Datasheet
153Kb / 8P
   Digital Signal Processor for 2ch Speaker System
logo
A1 PROs co., Ltd.
A88 A1PROS-A88 Datasheet
839Kb / 23P
   Digital Image Signal Processor (ISP) for Security Camera System
logo
Analog Devices
ADSP-2115BPZ-100 AD-ADSP-2115BPZ-100 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
logo
New Japan Radio
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
   Digital Signal Processor for TV
logo
Samsung semiconductor
S5L986F02 SAMSUNG-S5L986F02 Datasheet
480Kb / 35P
   DIGITAL SIGNAL PROCESSOR FOR DISCMAN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com