Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INGR165B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # INGR165B
Description  1.32 Gbit/s Serial Link Transmitter and Receiver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INGR165B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  INGR165B Datasheet HTML 1Page - List of Unclassifed Manufacturers INGR165B Datasheet HTML 2Page - List of Unclassifed Manufacturers INGR165B Datasheet HTML 3Page - List of Unclassifed Manufacturers INGR165B Datasheet HTML 4Page - List of Unclassifed Manufacturers INGR165B Datasheet HTML 5Page - List of Unclassifed Manufacturers INGR165B Datasheet HTML 6Page - List of Unclassifed Manufacturers INGR165B Datasheet HTML 7Page - List of Unclassifed Manufacturers INGR165B Datasheet HTML 8Page - List of Unclassifed Manufacturers INGR165B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
INGT165B / INGR165B
10/2003 - rev. 2.0
4 of 21
2.2 INGT165B TRANSMITTER PARALLEL INTERFACE
The Transmitter parallel interface is designed to support different operating modes providing a maximum
flexibility for the design of the application interface.
GigaST#R
INGT165B
TRANSMITTER
SDATA
SDATA#
PARGEN
FLAGI
RESET#
VALID
RDCLK
PDATA[35..0]
PARITY
PERR#
LOCK
SYNGEN
Figure 3: GigaSTaR® Transmitter Parallel Interface
2.2.1 Control Signals
RESET# is an asynchronous active low reset signal. After a power-up sequence and activation of the
reference clock, RESET# has to be kept low for at least 1 ms. The link is operational as soon as the
LSYNC# signal of the Receiver is going low.
LOCK = '1' indicates that the internal PLL is locked. If LOCK is de-asserted the Transmitter is not ready.
PARGEN = '1' activates the internal parity generation. In this mode the PARITY input pin is ignored.
An internal parity bit is generated and transmitted.
The positive edge of FLAGI sets an internal flag which is inserted at the end of the data word currently in
transmission. The Receiver decodes the flag out of the serial bit-stream and toggles the level of the
FLAGO output. This signal can be used to mark the end of a data frame.
VALID = '1' indicates to the Transmitter that data are available. With the assertion of VALID the RDCLK
starts to run. PDATA[35..0] is registered at each rising edge of RDCLK. De-asserting VALID disables
RDCLK and stuffing patterns are transmitted over the GigaSTaR® link to maintain synchronization.
PERR#: description see 2.2.2
Note: the SYNGEN input is reserved for optional functions and has to be set to “0”.
2.2.2 Data Interface
The GigaSTaR® parallel data interface is designed to support a variety of application interfaces.
It provides read clock (RDCLK) pulses with a cycle time of 30,3 ns (corresponding to 33MHz) to the
application output buffers like FIFOs, memory devices, ASICs or PLDs.
A data word at the parallel interface consists of 36 data bits. If PARGEN = '0' the transmitting application
has to supply the data's parity at the input PARITY synchronous to the parallel data. PARGEN = '1' logic
high activates internal parity generation and the PARITY input pin is ignored. If the application supplies its
own parity bit (PARGEN is de-asserted), PERR# reports any mismatch between the internally generated
and the external PARITY signal. If this is the case, the internally generated (correct) PARITY is transmitted
with the data word. PERR# is always inactive when PARGEN = '1'. The default value of PERR# after reset
is ‘1’.


Similar Part No. - INGR165B

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ING80386SX-25 AMD-ING80386SX-25 Datasheet
557Kb / 30P
   High-Performance, Low-Power, Embedded Microprocessors
INGAM386SX-25 AMD-INGAM386SX-25 Datasheet
582Kb / 30P
   High-Performance, Low-Power, Embedded Microprocessors
INGAM386SX-33 AMD-INGAM386SX-33 Datasheet
582Kb / 30P
   High-Performance, Low-Power, Embedded Microprocessors
INGAM386SX-40 AMD-INGAM386SX-40 Datasheet
582Kb / 30P
   High-Performance, Low-Power, Embedded Microprocessors
INGAM386SXL-25 AMD-INGAM386SXL-25 Datasheet
582Kb / 30P
   High-Performance, Low-Power, Embedded Microprocessors
More results

Similar Description - INGR165B

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
logo
Fujitsu Component Limit...
MB89251A FUJITSU-MB89251A Datasheet
106Kb / 1P
   SERIAL DATA TRANSMITTER / RECEIVER
logo
Holt Integrated Circuit...
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8584 HOLTIC-HI-8584_13 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com