Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSM2180F3V15K6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # DSM2180F3V15K6
Description  DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-218X Family (3.3V Supply)
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3V15K6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button DSM2180F3V15K6 Datasheet HTML 3Page - STMicroelectronics DSM2180F3V15K6 Datasheet HTML 4Page - STMicroelectronics DSM2180F3V15K6 Datasheet HTML 5Page - STMicroelectronics DSM2180F3V15K6 Datasheet HTML 6Page - STMicroelectronics DSM2180F3V15K6 Datasheet HTML 7Page - STMicroelectronics DSM2180F3V15K6 Datasheet HTML 8Page - STMicroelectronics DSM2180F3V15K6 Datasheet HTML 9Page - STMicroelectronics DSM2180F3V15K6 Datasheet HTML 10Page - STMicroelectronics DSM2180F3V15K6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
7/63
DSM2180F3V
ARCHITECTURAL OVERVIEW
Major functional blocks are shown in Figure 5.
DSP Address/Data/Control Interface
These DSP signals attach directly to the DSM in-
puts for a glueless connection. An 8-bit data con-
nection is formed and all 22 DSP address lines
can be decoded while the DSP operates in full
memory mode. DSP memory strobes; BMS, DMS,
and IOMS are used for BDMA, data, & I/O access
respectively (no program memory access, PMS).
Flash Memory
The 1 Mbit (128K x 8) Flash memory is divided into
eight equally-sized 16K byte sectors that are indi-
vidually selectable through the Decode PLD. Each
Flash memory sector can be located at any ad-
dress as defined by the user with PSDsoft Ex-
press. The flexibility of the Decode PLD and Page
Register logic allow the DSP to access Flash
memory as Byte DMA (BDMA) or as external data
overlay memory across several memory pages.
BDMA transfers are good for initial bootloading
and for loading internal overlay memory at runt-
ime, but BDMA is not efficient writing to Flash
memory because Flash memory is unlocked, writ-
ten, and status is checked one byte at a time, re-
quiring an initialization of the BDMA channel for
each and every byte transfer. The DSM device al-
lows the DSP to alternatively access Flash memo-
ry as data overlay memory (using DMS instead of
BMS
). Writing Flash memory this way is faster and
requires simpler code. Note: During a DSP data
access using the DMS strobe, only the upper byte
of a 16-bit DSP data word is used.
DSM Flash memory sector size of 16K bytes
matches the DSP external Data Memory Overlay
window size of 16K locations (two 8K windows
when DMOVLAY register is used, see Analog De-
vices ADSP-218X data sheets). This alignment
provides convenient data management. Also,
each 16K byte sector can be loaded with contents
from different firmware or data files specified in
PSDsoft ExpressTM.
Miscellaneous: The DSP can erase Flash memory
by individual sectors or the entire Flash memory
array may be erased at one time. The Flash mem-
ory automatically goes to standby between DSP
read or write accesses to conserve power. Maxi-
mum access times include sector decoding time.
Maximum erase cycles is 100K and data retention
is 15 years minimum. Flash memory, as well as
the entire DSM device may be programmed with
the JTAG ISP interface with no DSP involvement.


Similar Part No. - DSM2180F3V15K6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DSM2180F3V15K6 STMICROELECTRONICS-DSM2180F3V15K6 Datasheet
809Kb / 63P
   DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-218X Family (5V Supply)
More results

Similar Description - DSM2180F3V15K6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DSM2180F3 STMICROELECTRONICS-DSM2180F3 Datasheet
809Kb / 63P
   DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-218X Family (5V Supply)
DSM2180F3 STMICROELECTRONICS-DSM2180F3_08 Datasheet
1Mb / 63P
   DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
DSM2190F4V STMICROELECTRONICS-DSM2190F4V Datasheet
530Kb / 61P
   DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-2191 DSPs (3.3V Supply)
DSM2150F5V STMICROELECTRONICS-DSM2150F5V Datasheet
1Mb / 73P
   DSM (Digital Signal Processor System Memory) for Analog Devices DSPs (3.3V Supply)
logo
Analog Devices
ADSP-218X AD-ADSP-218X Datasheet
119Kb / 21P
   ADSP-218x Family EZ-ICE Hardware Installation
logo
New Japan Radio
NJU26040-16A NJRC-NJU26040-16A Datasheet
153Kb / 8P
   Digital Signal Processor for 2ch Speaker System
logo
A1 PROs co., Ltd.
A88 A1PROS-A88 Datasheet
839Kb / 23P
   Digital Image Signal Processor (ISP) for Security Camera System
logo
Analog Devices
ADSP-2115BPZ-100 AD-ADSP-2115BPZ-100 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
logo
New Japan Radio
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
   Digital Signal Processor for TV
logo
Samsung semiconductor
S5L986F02 SAMSUNG-S5L986F02 Datasheet
480Kb / 35P
   DIGITAL SIGNAL PROCESSOR FOR DISCMAN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com