Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INDT165B Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # INDT165B
Description  Long Distance Digital Display Link Transmitter & Receiver
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INDT165B Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button INDT165B Datasheet HTML 7Page - List of Unclassifed Manufacturers INDT165B Datasheet HTML 8Page - List of Unclassifed Manufacturers INDT165B Datasheet HTML 9Page - List of Unclassifed Manufacturers INDT165B Datasheet HTML 10Page - List of Unclassifed Manufacturers INDT165B Datasheet HTML 11Page - List of Unclassifed Manufacturers INDT165B Datasheet HTML 12Page - List of Unclassifed Manufacturers INDT165B Datasheet HTML 13Page - List of Unclassifed Manufacturers INDT165B Datasheet HTML 14Page - List of Unclassifed Manufacturers INDT165B Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
Data Sheet
INDT/R165B
INDT/R330B
Date: 2005-02-18 Revision: 1.1
Page 11 of 41
1.4 Audio Interface
The audio interface provides four serial audio channels, which are compliant to the Standard IEC958 Digital audio interface
from the EBU (European Broadcasting Union), also known as S/P-DIF Interface. It supports sampling frequencies of 44,1
kHz and 48,0 kHz. The audio data interface can be disabled to free up bandwidth for pixel data transmission.
Figure 1.7: Audio Interface
Signal
Tx
Rx
Description
AI_C0
IN
OUT S/P-DIF Audio Channel 0
AI_C1
IN
OUT S/P-DIF Audio Channel 1
AI_C2
IN
OUT S/P-DIF Audio Channel 2
AI_C3
IN
OUT S/P-DIF Audio Channel 3
Table 1.9: Audio Interface Signals
INDR
Reveiver
Audio
S/P DIF
AI_C1
AI_C0
AI_C2
AI_C3
AI_C1
AI_C0
AI_C2
AI_C3
Audio
S/P DIF
Downstream
INDT
Transmitter


Similar Part No. - INDT165B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INDT166B ETC1-INDT166B Datasheet
1Mb / 40P
   Long Distance Digital Display Link Transmitter & Receiver
More results

Similar Description - INDT165B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INDT166B ETC1-INDT166B Datasheet
1Mb / 40P
   Long Distance Digital Display Link Transmitter & Receiver
logo
Hamamatsu Corporation
L10064-01B HAMAMATSU-L10064-01B_15 Datasheet
247Kb / 2P
   Transmitter/Receiver photo IC for optical link
L8628 HAMAMATSU-L8628 Datasheet
160Kb / 2P
   Transmitter/receiver photo IC for optical link
logo
List of Unclassifed Man...
INGT165B ETC1-INGT165B Datasheet
399Kb / 21P
   1.32 Gbit/s Serial Link Transmitter and Receiver
logo
Beckhoff Automation Gmb...
CU8802-000X BECKHOFF-CU8802-000X Datasheet
98Kb / 2P
   Transmitter box for CP-Link-4 ??The Two Cable Display Link
CU8803-000X BECKHOFF-CU8803-000X Datasheet
104Kb / 2P
   Transmitter box for CP-Link 4 ??The One Cable Display Link
logo
Toshiba Semiconductor
TLP115A TOSHIBA-TLP115A_07 Datasheet
208Kb / 8P
   Photo-IC High Speed, Long Distance Isolated Line Receiver
logo
Texas Instruments
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com