Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62VF08401C-SS Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HY62VF08401C-SS
Description  256Kx16bit full CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62VF08401C-SS Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HY62VF08401C-SS Datasheet HTML 2Page - Hynix Semiconductor HY62VF08401C-SS Datasheet HTML 3Page - Hynix Semiconductor HY62VF08401C-SS Datasheet HTML 4Page - Hynix Semiconductor HY62VF08401C-SS Datasheet HTML 5Page - Hynix Semiconductor HY62VF08401C-SS Datasheet HTML 6Page - Hynix Semiconductor HY62VF08401C-SS Datasheet HTML 7Page - Hynix Semiconductor HY62VF08401C-SS Datasheet HTML 8Page - Hynix Semiconductor HY62VF08401C-SS Datasheet HTML 9Page - Hynix Semiconductor HY62VF08401C-SS Datasheet HTML 10Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
HY62VF08401C Series
Rev.02 / Jun.01
9
MARKING INFORMATION
Package
Marking Example
Index
• HY62UF08401C
: Part Name
• c
: Power Consumption
- D
: Low Low Power
- S
: Super Low Power
• S
: Package Type
- S
: sTSOP
• ss
: Speed
- 55
: 55ns
- 70
: 70ns
• t
: Temperature
- I
: Industrial ( -40 ~ 85
°C )
• yy
: Year ( ex : 00 = year 2000, 01 = year 2001 )
• ww
: work week ( ex : 12 = ww12 )
• p
: Process Code
• KOR
: Origin Country
Note
- Capital Letter
: Fixed Item
- Small Letter
: Non-fixed Item
H
Y
6
2
U
F
0
8
4
0
1
C
-
c
S
s
s
t
y
y
w
w
p
K
O
R
sTSOP
Package
Marking Example
Index
• HY62UF08401C
: Part Name
• c
: Power Consumption
- D
: Low Low Power
- S
: Super Low Power
• S
: Package Type
- S
: sTSOP
• ss
: Speed
- 55
: 55ns
- 70
: 70ns
• t
: Temperature
- I
: Industrial ( -40 ~ 85
°C )
• yy
: Year ( ex : 00 = year 2000, 01 = year 2001 )
• ww
: work week ( ex : 12 = ww12 )
• p
: Process Code
• KOR
: Origin Country
Note
- Capital Letter
: Fixed Item
- Small Letter
: Non-fixed Item
H
Y
6
2
U
F
0
8
4
0
1
C
-
c
S
s
s
t
y
y
w
w
p
K
O
R
H
Y
6
2
U
F
0
8
4
0
1
C
-
c
S
s
s
t
y
y
w
w
p
K
O
R
sTSOP


Similar Part No. - HY62VF08401C-SS

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62V8100B HYNIX-HY62V8100B Datasheet
205Kb / 12P
   128K x8 bit 3.3V Low Power CMOS slow SRAM
HY62V8100BLLG HYNIX-HY62V8100BLLG Datasheet
205Kb / 12P
   128K x8 bit 3.3V Low Power CMOS slow SRAM
HY62V8100BLLG-E HYNIX-HY62V8100BLLG-E Datasheet
205Kb / 12P
   128K x8 bit 3.3V Low Power CMOS slow SRAM
HY62V8100BLLG-I HYNIX-HY62V8100BLLG-I Datasheet
205Kb / 12P
   128K x8 bit 3.3V Low Power CMOS slow SRAM
HY62V8100BLLR1 HYNIX-HY62V8100BLLR1 Datasheet
205Kb / 12P
   128K x8 bit 3.3V Low Power CMOS slow SRAM
More results

Similar Description - HY62VF08401C-SS

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62SF16406D HYNIX-HY62SF16406D Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62LF16404C HYNIX-HY62LF16404C Datasheet
186Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16403A HYNIX-HY62SF16403A Datasheet
129Kb / 10P
   256Kx16bit full CMOS SRAM
HY62LF16406C HYNIX-HY62LF16406C Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62SF16404C HYNIX-HY62SF16404C Datasheet
184Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16406E HYNIX-HY62SF16406E Datasheet
192Kb / 11P
   256Kx16bit full CMOS SRAM
HY62LF16406D HYNIX-HY62LF16406D Datasheet
193Kb / 11P
   256Kx16bit full CMOS SRAM
HY62UF16403A HYNIX-HY62UF16403A Datasheet
190Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16404D HYNIX-HY62SF16404D Datasheet
185Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16406C HYNIX-HY62SF16406C Datasheet
192Kb / 11P
   256Kx16bit full CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com