Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8206YR Datasheet(PDF) 1 Page - Analog Devices

Part # AD8206YR
Description  Single-Supply 42 V System Difference Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8206YR Datasheet(HTML) 1 Page - Analog Devices

  AD8206YR Datasheet HTML 1Page - Analog Devices AD8206YR Datasheet HTML 2Page - Analog Devices AD8206YR Datasheet HTML 3Page - Analog Devices AD8206YR Datasheet HTML 4Page - Analog Devices AD8206YR Datasheet HTML 5Page - Analog Devices AD8206YR Datasheet HTML 6Page - Analog Devices AD8206YR Datasheet HTML 7Page - Analog Devices AD8206YR Datasheet HTML 8Page - Analog Devices AD8206YR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Single-Supply 42 V System
Difference Amplifier
Preliminary Technical Data
AD8206
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Ideal for current shunt applications
High common-mode voltage range
−2 V to +65 V operating
−5 V to +68 V survival
Gain = 20
Wide operating temperature range
Die: −40°C to +150°C
8-lead SOIC:
−40°C to +125°C
Adjustable offset
Available in SOIC and die form
EXCELLENT AC AND DC PERFORMANCE
15 µV/°C offset drift
30 ppm/°C gain drift
80 dB CMRR dc to 20 kHz
APPLICATIONS
High-side current sensing in:
Motor controls
Transmission controls
Diesel injection controls
Engine management
Suspension controls
Vehicle dynamic controls
DC-to-dc converters
FUNCTIONAL BLOCK DIAGRAM
AD8206
8
1
4
2
3
7
5
6
+IN
–IN
NC
NC = NO CONNECT
GND
V+
OUT
VREF1
VREF2
Figure 1.
GENERAL DESCRIPTION
The AD8206 is a single-supply difference amplifier for amplify-
ing small differential voltages in the presence of large common-
mode voltages. The operating input common-mode voltage
range extends from −2 V to +65 V. The typical single-supply
voltage is 5 V.
The AD8206 is offered in die and packaged form. The operating
temperature range for the die is 25°C higher (up to 150°C) than
the packaged part to enable the user to apply the AD8206 in
high temperature applications.
Excellent dc performance over temperature keeps errors in the
measurement loop to a minimum. Offset drift is typically less
than 15 µV/°C, and gain drift is typically below 30 ppm/°C.
The output offset can be adjusted from 0.05 V to 4.8 V with a
5 V supply by using the VREF1 and VREF2 pins. With VREF1 at-
tached to the V+ pin, and VREF2 attached to the GND pin, the
output is set at half scale. Attaching both pins to GND causes
the output to be unipolar, starting near ground. Attaching both
pins to V+ causes the output to be unipolar starting near V+.
Other offsets can be obtained by applying an external voltage to
the VREF1 and VREF2 pins.


Similar Part No. - AD8206YR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8206YRZ AD-AD8206YRZ Datasheet
344Kb / 12P
   Single-Supply, 42 V System Difference Amplifier
REV. 0
AD8206YRZ AD-AD8206YRZ Datasheet
466Kb / 16P
   High Common-Mode Voltage, Bidirectional Current Shunt Amplifier
REV. B
AD8206YRZ-REEL AD-AD8206YRZ-REEL Datasheet
344Kb / 12P
   Single-Supply, 42 V System Difference Amplifier
REV. 0
AD8206YRZ-REEL AD-AD8206YRZ-REEL Datasheet
466Kb / 16P
   High Common-Mode Voltage, Bidirectional Current Shunt Amplifier
REV. B
AD8206YRZ-REEL7 AD-AD8206YRZ-REEL7 Datasheet
344Kb / 12P
   Single-Supply, 42 V System Difference Amplifier
REV. 0
More results

Similar Description - AD8206YR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8205 AD-AD8205 Datasheet
308Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. 0
AD8205YRZ AD-AD8205YRZ Datasheet
457Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. D
AD8205YRZ AD-AD8205YRZ Datasheet
457Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. D
AD8206 AD-AD8206_05 Datasheet
344Kb / 12P
   Single-Supply, 42 V System Difference Amplifier
REV. 0
logo
Burr-Brown (TI)
INA152 BURR-BROWN-INA152 Datasheet
243Kb / 15P
   Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA152 TI1-INA152 Datasheet
792Kb / 18P
[Old version datasheet]   Single-Supply DIFFERENCE AMPLIFIER
INA132U TI1-INA132U Datasheet
320Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132U2K5E4 TI1-INA132U2K5E4 Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6552 LINER-LT6552_15 Datasheet
360Kb / 16P
   3.3V Single Supply Video Difference Amplifier
LT6552 LINER-LT6552 Datasheet
350Kb / 16P
   3.3V Single Supply Video Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com