Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF0064M-05AAXX Datasheet(PDF) 19 Page - Mitsubishi Electric Semiconductor

Part # MF0064M-05AAXX
Description  8/16-bit Data Bus CompactFlash Card
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF0064M-05AAXX Datasheet(HTML) 19 Page - Mitsubishi Electric Semiconductor

Back Button MF0064M-05AAXX Datasheet HTML 15Page - Mitsubishi Electric Semiconductor MF0064M-05AAXX Datasheet HTML 16Page - Mitsubishi Electric Semiconductor MF0064M-05AAXX Datasheet HTML 17Page - Mitsubishi Electric Semiconductor MF0064M-05AAXX Datasheet HTML 18Page - Mitsubishi Electric Semiconductor MF0064M-05AAXX Datasheet HTML 19Page - Mitsubishi Electric Semiconductor MF0064M-05AAXX Datasheet HTML 20Page - Mitsubishi Electric Semiconductor MF0064M-05AAXX Datasheet HTML 21Page - Mitsubishi Electric Semiconductor MF0064M-05AAXX Datasheet HTML 22Page - Mitsubishi Electric Semiconductor MF0064M-05AAXX Datasheet HTML 23Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
MITSUBISHI STORAGE CARD
Preliminary
MF0XXXX-05AAXX series
CompactFlash CARDS
MITSUBISHI
ELECTRIC
19
June.2001. Rev. 1.3
Standby(96h, E2h)
This command causes the card to set BSY, enter the
Standby mode, clear BSY and generate an interrupt.
Standby Immediate(94h, E0h)
This command causes the card to set BSY, enter the
Standby mode, clear BSY and generate an interrupt.
Translate Sector(87h)
This command allows the host to know the number
of times an user sector has been erased and
programmed. This card doesn't support the Hot
Count value.
Wear Leveling(F5h)
Although this command is supported for backward
compatibility, it has no actual function. The card will
always return good status at the completion of this
command.
Write Buffer(E8h)
This command enables the host to overwrite contents of
the card’s sector buffer with any data pattern desired.
This command has the same protocol as the Write
Sector(s) command and transfers 512 bytes.
Write Long Sector(32h, 33h)
This command is similar to the Write Sector(s) except
the contents of the Sector Count register are ignored
and only one sector is written. The 512 data bytes and 4
ECC bytes are transferred from the host and then
written from the buffer to the flash.
Write Multiple(C5h)
This command is similar to the Write Sector(s)
command. Interrupts are not presented on each sector,
but on the transfer of a block which contains the number
of sectors defined by Set Multiple command.
Write Multiple without Erase(CDh)
This command is similar to the Write Multiple
command. The sectors should be pre-erased with the
Erase Sector command before this command is issued. If
the sector is not pre-erased, Write Multiple command
operation will occur.
Write Sector(s)(30h, 31h)
This command transfers data from the host to the card.
Data transfer starts at the sector specified by the
Cylinder, Head, and Sector Number registers, and
proceeds for the number of sectors specified in the
Sector Count register.
Write Sector without Erase(CDh)
This command is similar to the Write Sector(s)
command. The sectors should be pre-erased with the
Erase Sector command before this command is issued. If
the sector is not pre-erased, Write Sector command
operation will occur.
Write Verify(3Ch)
This command is similar to the Write Sector(s)
command, except each sector is verified immediately
after being written.


Similar Part No. - MF0064M-05AAXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF0064M-04AAXX MITSUBISHI-MF0064M-04AAXX Datasheet
211Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0064M-04BAXX MITSUBISHI-MF0064M-04BAXX Datasheet
217Kb / 31P
   8/16-bit Data Bus CompactFlash Card
MF0064M-07ATXX MITSUBISHI-MF0064M-07ATXX Datasheet
211Kb / 32P
   8/16-bit Data Bus Flash ATA PC Card
MF0064M-07BTXX MITSUBISHI-MF0064M-07BTXX Datasheet
222Kb / 31P
   8/16-bit Data Bus Flash ATA PC Card
More results

Similar Description - MF0064M-05AAXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF0064M-04BAXX MITSUBISHI-MF0064M-04BAXX Datasheet
217Kb / 31P
   8/16-bit Data Bus CompactFlash Card
MF0032M-04AAXX MITSUBISHI-MF0032M-04AAXX Datasheet
211Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF365A-J8CATXX MITSUBISHI-MF365A-J8CATXX Datasheet
119Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF365A-LZCATXX MITSUBISHI-MF365A-LZCATXX Datasheet
116Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF82M1-GMCAVXX MITSUBISHI-MF82M1-GMCAVXX Datasheet
148Kb / 22P
   8/16-bit Data Bus Flash Memory Card
MF365A-LYCATXX MITSUBISHI-MF365A-LYCATXX Datasheet
101Kb / 14P
   8/16-bit Data Bus Static RAM Card
MF365A-LCDATXX MITSUBISHI-MF365A-LCDATXX Datasheet
254Kb / 11P
   8/16-bit Data Bus Static RAM Card
MF38M1-LCDAGXX MITSUBISHI-MF38M1-LCDAGXX Datasheet
258Kb / 9P
   8/16-bit Data Bus Static RAM Card
MF38M1-L6DAGXX MITSUBISHI-MF38M1-L6DAGXX Datasheet
316Kb / 11P
   8/16-bit Data Bus Static RAM Card
MF365A-J9CATXX MITSUBISHI-MF365A-J9CATXX Datasheet
102Kb / 14P
   8/16-bit Data Bus Static RAM Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com