Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3102B22-8S Datasheet(PDF) 1 Page - ITT Industries

Part # CA3102B22-8S
Description  Circular Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CA3102B22-8S Datasheet(HTML) 1 Page - ITT Industries

  CA3102B22-8S Datasheet HTML 1Page - ITT Industries CA3102B22-8S Datasheet HTML 2Page - ITT Industries CA3102B22-8S Datasheet HTML 3Page - ITT Industries CA3102B22-8S Datasheet HTML 4Page - ITT Industries CA3102B22-8S Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
Circular Connectors
CA/MS A&B
annon has re-introduced the widely
used MS A&B product line with
improved features. For corrosion
protection we have changed the shell finish to
an environmentally safe, zinc alloy plating.
The plating is a high quality finish and
uniform in color. The contacts, which are
preloaded in the insulator, have been
redesigned such that the solder cups remain
in proper orientation and will not rotate
during wiring termination. The contacts are
also machined for strength and durability and
plated with silver. The Cannon MS A&B
design meets the performance requirements
of the MIL-C-5015. The product is available in
all the popular sizes and configurations in
Class A (solid end bell) and Class B (split end
bell versions).
Applications:
Industrial Controls
Test Equipment
Traffic Signals
Bus Systems
High strength aluminum alloy connector
High strength plastic insulators
Environmentally safe shell finishes
Protected against corrosion
High quality plating finish
Threaded coupling
Product is tooled and available in
50 insert patterns
Machined contacts
Low cost
Performance Specifications
Temperature Range:
–55°C to 125°C (-67°F to 257°F)
Current Rating:
13 A to 150 A*
Durability:
500 mating cycles min.
Wire Accommodation:
0 to 20 AWG*
No. of Contacts:
2 to 48
Termination:
Solder
*Depending on contact size.
Materials and Finishes
Description
Material
Finish
Shell
Aluminum Alloy
Green Zinc or Black Zinc
Insulator
Hard Plastic
Contact
Brass or Copper Alloy
Silver
Product Features and Benefits
For more information: www.ittcannon.com/cat107
C
1


Similar Part No. - CA3102B22-8S

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA3102B18-8P ITT-CA3102B18-8P Datasheet
4Mb / 34P
   CA/MS A and B
CA3102B18-8P ITT-CA3102B18-8P Datasheet
4Mb / 34P
   CA/MS A and B
CA3102B18-8S ITT-CA3102B18-8S Datasheet
4Mb / 34P
   CA/MS A and B
CA3102B18-8S ITT-CA3102B18-8S Datasheet
4Mb / 34P
   CA/MS A and B
More results

Similar Description - CA3102B22-8S

ManufacturerPart #DatasheetDescription
logo
Lumberg
0137 LUMBERG-0137 Datasheet
784Kb / 3P
   DIN circular connectors
MP-371 LUMBERG-MP-371 Datasheet
570Kb / 3P
   Miniature circular connectors
logo
List of Unclassifed Man...
R03 ETC2-R03 Datasheet
616Kb / 2P
   Miniature Circular Connectors
ER03 ETC-ER03 Datasheet
1Mb / 8P
   Miniature Circular Connectors
logo
Lumberg
MJ-372 LUMBERG-MJ-372 Datasheet
561Kb / 3P
   Miniature circular connectors
010599 LUMBERG-010599 Datasheet
459Kb / 3P
   DIN circular connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
logo
ITT Industries
58286 ITT-58286 Datasheet
326Kb / 31P
   Miniature circular connectors
logo
Lumberg
0121 LUMBERG-0121 Datasheet
768Kb / 3P
   DIN circular connectors
logo
DDK Ltd.
CE02-2A DDK-CE02-2A Datasheet
192Kb / 3P
   Waterproof Circular Connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com