Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MF00L1NZGD Datasheet(PDF) 6 Page - ITT Industries

Part No. MF00L1NZGD
Description  Half-inch Rotary Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MF00L1NZGD Datasheet(HTML) 6 Page - ITT Industries

  MF00L1NZGD Datasheet HTML 1Page - ITT Industries MF00L1NZGD Datasheet HTML 2Page - ITT Industries MF00L1NZGD Datasheet HTML 3Page - ITT Industries MF00L1NZGD Datasheet HTML 4Page - ITT Industries MF00L1NZGD Datasheet HTML 5Page - ITT Industries MF00L1NZGD Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
L–17
L
C&K M Series
Half-inch Rotary Switches
L
AVAILABLE HARDWARE
One each required for setting stops.
Stop Ring
PART NO.
638100000
INNER-W/SHORT TAB
638101000
OUTER-W/LONG TAB
Washer
PART NO.
586800000
RUBBER PANEL SEAL
537202000
ADHESIVE MYLAR
RETAINS STOP PINS
Stop pins
PART NO.
537100000
NOTE: Additional nuts and lockwashers available separately, see section “Technical Data and Additional Hardware”.
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
KC13B7.002NLS ROTARY SWITCHES 1  2  3  E-SWITCH
EC204B020A Molded Printed Wiring Rotary Switches 1  2  3  4  List of Unclassifed Manufacturers
A6R Low-cost Rotary DIP Switches 1  2  3  4  Omron Electronics LLC
A10015RNZQ 1-4 Pole Rotary Switches 1  2  3  4  5  ITT Industries
H20307RR05Q Power ROTA-SLIDE Rotary Switches 1  2  3  ITT Industries
CD08RM0AK 8mm DIP Coded Rotary Switches 1  2  3  4  ITT Industries
CRD10RM0AK 10mm DIP Coded Rotary Switches 1  2  3  4  ITT Industries
FA0515RN02Q Miniature ROTA-SLIDE Rotary Switches 1  2  3  4  ITT Industries
7829 6 mm Through-hole Sealed Rotary Switch 1  Bourns Electronic Solutions
LF11331 Quad SPST JFET Analog Switches 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn