Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K1610 Datasheet(PDF) 2 Page - MTRONPTI

Part # K1610
Description  5V Voltage Controlled Temperature Compensated Crystal Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

K1610 Datasheet(HTML) 2 Page - MTRONPTI

  K1610 Datasheet HTML 1Page - MTRONPTI K1610 Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PIN
FUNCTION
Voltage Control
1
7
8
14
Gnd/ & Case Gnd
Output
+ VCC
2553 N. Edgington Street, Franklin Park, IL 60131
Phone: 847.451.1000
Fax: 847.451.7585
800-888-1499 or www.champtech.com
2
K1610 Series
5V Voltage Controlled Temperature Compensated Crystal Oscillators
TEST METHODS
REFERENCE PROCEDURES
DESCRIPTION
Temperature Cycle
MIL-STD-833, Mtd 1010, Cond. B
Mechanical Shock
MIL-STD-883, Mtd 2002, Cond. B
-55°C to +125°C; Air-to-Air; 100 cycles; 10
min. dwell
Vibration
MIL-STD 883, Mtd 2007, Cond. B
20-2000 Hz; 0.06 inch; 15g’s; 3 planes
Humidity Steady State
MIL-STD-202, Mtd 103
40°C; 90%-95% R.H.; 56 days
Thermal Shock
MIL-STD-883, Mtd 1011.7 Cond. B
Electrostatic Discharge
Solderability
Hermeticity
Resistance to Soldering
Lead Integrity
Marking Permanence
Life Test
100°C to 0°C; Water-to-Water; 15 cycles
2 KV to 4 KV Threshold
Solder dip; Meniscograph Criteria
Mass spectro. 2 x 10-8 atmos. CC/sec He
260°C; 10 seconds: 1 inch/sec.
Lead tension & bend stress
Resistance to solvents
1500 g’s
MIL-STD-883, Mtd 3015 Class II
MIL-STD-883, Mtd 1005.6
MIL-STD-883, Mtd 2022.2
MIL-STD-883, Mtd 1014.8, Cond. A1
MIL-STD-202, Mtd 210A, Cond. C
MIL-STD-883, Mtd 2004.5, Cond. A, B1
MIL-STD-883, Mtd 2015.8
125°C, powered, 1000 hours minimum
MECHANICAL AND ENVIRONMENTAL SPECIFICATIONS
TEST CIRCUIT DIAGRAM


Similar Part No. - K1610

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
K1610T MTRONPTI-K1610T Datasheet
405Kb / 2P
   5V Temperature Compensated Crystal Oscillators
More results

Similar Description - K1610

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
K1700A MTRONPTI-K1700A Datasheet
107Kb / 2P
   5V Temperature Compensated Voltage Controlled Crystal Oscillators
K1610T MTRONPTI-K1610T Datasheet
405Kb / 2P
   5V Temperature Compensated Crystal Oscillators
logo
Nel Frequency Controls,...
OE-XBFXXXX-X NEL-OE-XBFXXXX-X Datasheet
111Kb / 3P
   temperature compensated, voltage controlled crystal oscillators (TCVCXO)
logo
MTRONPTI
K1613 MTRONPTI-K1613 Datasheet
404Kb / 2P
   3.3V Voltage Controlled Temperature Compensated Crystal Oscillators
logo
Nel Frequency Controls,...
OK-XBFXXXX-X NEL-OK-XBFXXXX-X Datasheet
119Kb / 3P
   temperature compensated, voltage controlled crystal oscillators (TCVCXO)
OR-XBFXXXX-X NEL-OR-XBFXXXX-X Datasheet
123Kb / 3P
   temperature compensated, voltage controlled crystal oscillators (TCVCXO)
logo
MTRONPTI
MTCVO31 MTRONPTI-MTCVO31 Datasheet
34Kb / 1P
   Temperature Compensated Voltage Controlled Crystal Oscillators (TCVCXO)
K1527A MTRONPTI-K1527A Datasheet
119Kb / 2P
   5V Voltage Controlled Crystal Oscillators
K1570AQG MTRONPTI-K1570AQG Datasheet
101Kb / 2P
   5V Voltage Controlled Crystal Oscillators
K17255B MTRONPTI-K17255B Datasheet
424Kb / 2P
   5V Voltage Controlled Crystal Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com