Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62UF16800B-C Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HY62UF16800B-C
Description  512Kx16bit full CMOS SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62UF16800B-C Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HY62UF16800B-C Datasheet HTML 3Page - Hynix Semiconductor HY62UF16800B-C Datasheet HTML 4Page - Hynix Semiconductor HY62UF16800B-C Datasheet HTML 5Page - Hynix Semiconductor HY62UF16800B-C Datasheet HTML 6Page - Hynix Semiconductor HY62UF16800B-C Datasheet HTML 7Page - Hynix Semiconductor HY62UF16800B-C Datasheet HTML 8Page - Hynix Semiconductor HY62UF16800B-C Datasheet HTML 9Page - Hynix Semiconductor HY62UF16800B-C Datasheet HTML 10Page - Hynix Semiconductor HY62UF16800B-C Datasheet HTML 11Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
HY62UF16800B
Rev.02/Apr. 2002
10
MARKING INSTRUCTION
Package
Marking Example
H
Y
U
F
6
0
0
B
c
s
s
t
y
w
w
p
x
x
x
x
x
K
O
R
fBGA
Index
HYUF6800B
: Part Name
c
: Power Consumption
- D
: Low Low Power
ss
: Speed
- 55
: 55ns
- 70
: 70ns
t
: Temperature
- C
: Commercial ( 0 ~ 70 °C)
- I
: Industrial ( -40 ~ 85
)
y
: Year (ex : 0 = year 2000, 1= year2001)
ww
: Work Week ( ex : 12 = work week 12)
p
: Process Code
xxxxx
: Lot No.
KOR
: Origin Country
Note
- Capital Letter
: Fixed Item
- Small Letter
: Non-fixed Item
Package
Marking Example
H
Y
F
6
8
c
s
s
t
y
w
w
p
x
x
x
x
x
K
O
R
Index
: Part Name
c
: Power Consumption
- D
: Low Low Power
ss
: Speed
- 55
: 55ns
- 70
: 70ns
t
: Temperature
- C
: Commercial (
)
- I
: Industrial ( -
)
y
: Year (ex : 0 = year 2000, 1= year2001)
ww
: Work Week ( ex : 12 = work week 12)
p
: Process Code
xxxxx
: Lot No.
KOR
: Origin Country
Note
- Capital Letter
: Fixed Item
- Small Letter
: Non-fixed Item
°C
- 85
: 85ns
-
Package
Marking Example
H
Y
U
F
6
0
B
c
s
s
t
y
w
w
p
x
x
x
x
x
K
O
R
fBGA
Index
: Part Name
c
: Power Consumption
- D
: Low Low Power
ss
: Speed
- 55
: 55ns
- 70
: 70ns
t
: Temperature
- C
: Commercial ( 0 ~ 70 °C)
- I
: Industrial ( -40 ~ 85
)
y
: Year (ex : 0 = year 2000, 1= year2001)
ww
: Work Week ( ex : 12 = work week 12)
p
: Process Code
xxxxx
: Lot No.
KOR
: Origin Country
Note
- Capital Letter
: Fixed Item
- Small Letter
: Non-fixed Item
Package
Marking Example
H
Y
F
6
8
c
s
s
t
y
w
w
p
x
x
x
x
x
K
O
R
Index
: Part Name
c
: Power Consumption
- D
: Low Low Power
ss
: Speed
- 55
: 55ns
- 70
: 70ns
t
: Temperature
- C
: Commercial (
)
- I
: Industrial ( -
)
y
: Year (ex : 0 = year 2000, 1= year2001)
ww
: Work Week ( ex : 12 = work week 12)
p
: Process Code
xxxxx
: Lot No.
KOR
: Origin Country
Note
- Capital Letter
: Fixed Item
- Small Letter
: Non-fixed Item
°C
- 85
: 85ns
-


Similar Part No. - HY62UF16800B-C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62UF16804A HYNIX-HY62UF16804A Datasheet
201Kb / 10P
   512Kx16bit full CMOS SRAM
HY62UF16804A-C HYNIX-HY62UF16804A-C Datasheet
201Kb / 10P
   512Kx16bit full CMOS SRAM
HY62UF16804A-DMC HYNIX-HY62UF16804A-DMC Datasheet
201Kb / 10P
   512Kx16bit full CMOS SRAM
HY62UF16804A-DMI HYNIX-HY62UF16804A-DMI Datasheet
201Kb / 10P
   512Kx16bit full CMOS SRAM
HY62UF16804A-I HYNIX-HY62UF16804A-I Datasheet
201Kb / 10P
   512Kx16bit full CMOS SRAM
More results

Similar Description - HY62UF16800B-C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62SF16806A HYNIX-HY62SF16806A Datasheet
208Kb / 11P
   512Kx16bit full CMOS SRAM
HY62UF16806B HYNIX-HY62UF16806B Datasheet
341Kb / 11P
   512Kx16bit full CMOS SRAM
HY62LF16806B HYNIX-HY62LF16806B Datasheet
324Kb / 11P
   512Kx16bit full CMOS SRAM
HY62LF16806A HYNIX-HY62LF16806A Datasheet
219Kb / 11P
   512Kx16bit full CMOS SRAM
HY62SF16804A HYNIX-HY62SF16804A Datasheet
202Kb / 10P
   512Kx16bit full CMOS SRAM
HY62UF16806A HYNIX-HY62UF16806A Datasheet
218Kb / 11P
   512Kx16bit full CMOS SRAM
HY62UF16804A HYNIX-HY62UF16804A Datasheet
201Kb / 10P
   512Kx16bit full CMOS SRAM
HY62UF16804B HYNIX-HY62UF16804B Datasheet
197Kb / 10P
   512Kx16bit full CMOS SRAM
logo
Nel Frequency Controls,...
HY62LF16804A NEL-HY62LF16804A Datasheet
148Kb / 10P
   512Kx16bit full CMOS SRAM
logo
Hynix Semiconductor
HY62SF16806B HYNIX-HY62SF16806B Datasheet
314Kb / 11P
   512Kx16bit full CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com