Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62SF16804A-I Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HY62SF16804A-I
Description  512Kx16bit full CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62SF16804A-I Datasheet(HTML) 2 Page - Hynix Semiconductor

  HY62SF16804A-I Datasheet HTML 1Page - Hynix Semiconductor HY62SF16804A-I Datasheet HTML 2Page - Hynix Semiconductor HY62SF16804A-I Datasheet HTML 3Page - Hynix Semiconductor HY62SF16804A-I Datasheet HTML 4Page - Hynix Semiconductor HY62SF16804A-I Datasheet HTML 5Page - Hynix Semiconductor HY62SF16804A-I Datasheet HTML 6Page - Hynix Semiconductor HY62SF16804A-I Datasheet HTML 7Page - Hynix Semiconductor HY62SF16804A-I Datasheet HTML 8Page - Hynix Semiconductor HY62SF16804A-I Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HY62SF16804A
Rev.11 /Jan. 2002
2
DESCRIPTION
The HY62SF16804A is a high speed, super low
power and 8Mbit full CMOS SRAM organized as
524,288 words by 16bits. The HY62SF16804A
uses
high
performance
full
CMOS
process
technology and is designed for high speed and low
power circuit technology. It is particularly well-
suited for the high density low power system
application. This device has a data retention mode
that guarantees data to remain valid at a minimum
power supply voltage of 1.2V.
FEATURES
• Fully static operation and Tri-state output
• TTL compatible inputs and outputs
• Battery backup(LL/SL-part)
- 1.2V(min) data retention
• Standard pin configuration
- 48-uBGA
Product
Voltage
Speed
Operation
Standby Current(uA)
Temperature
No.
(V)
(ns)
Current/Icc(mA)
LL
SL
(
°C)
HY62SF16804A-C
1.7~2.3
70/85/100
3
25
8
0~70
HY62SF16804A-I
1.7~2.3
70/85/100
3
25
8
-40~85
Note 1. C : Commercial, I : Industrial
2. Current value is max.
PIN CONNECTION ( Top View )
BLOCK DIAGRAM
PIN DESCRIPTION
Pin Name
Pin Function
Pin Name
Pin Function
/CS
Chip Select
I/O1~I/O16
Data Inputs / Outputs
/WE
Write Enable
A0~A18
Address Inputs
/OE
Output Enable
Vcc
Power(1.7V~2.3V)
/LB
Lower Byte Control(I/O1~I/O8)
Vss
Ground
/UB
Upper Byte Control(I/O9~I/O16)
NC
No Connection
MEMORY ARRAY
512K x 16
ROW
DECODER
I/O1
I/O8
I/O9
I/O16
A1,A2
A4,A6~A7
A9
A12
A15~A18
A8
A10
A13
A14
A0
A3
A5
A11
/CS
/OE
/LB
/UB
/WE
/LB
IO9
IO10
/OE A0
A1
A2
NC
/UB A3
A4
/CS IO1
IO11 A5
A6
IO2
IO3
Vss IO12 A17 A7
IO4
Vcc
Vcc IO13 Vss A16 IO5
Vss
IO15 IO14 A14 A15 IO6
IO7
IO16 NC
A12 A13 /WE IO8
A18 A8
A9
A10 A11 NC


Similar Part No. - HY62SF16804A-I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62SF16804B HYNIX-HY62SF16804B Datasheet
311Kb / 10P
   512K x16 bit 1.8V Super Low Power Full CMOS slow SRAM
HY62SF16804B-C HYNIX-HY62SF16804B-C Datasheet
311Kb / 10P
   512K x16 bit 1.8V Super Low Power Full CMOS slow SRAM
HY62SF16804B-DFC HYNIX-HY62SF16804B-DFC Datasheet
311Kb / 10P
   512K x16 bit 1.8V Super Low Power Full CMOS slow SRAM
HY62SF16804B-DFI HYNIX-HY62SF16804B-DFI Datasheet
311Kb / 10P
   512K x16 bit 1.8V Super Low Power Full CMOS slow SRAM
HY62SF16804B-I HYNIX-HY62SF16804B-I Datasheet
311Kb / 10P
   512K x16 bit 1.8V Super Low Power Full CMOS slow SRAM
More results

Similar Description - HY62SF16804A-I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62SF16806A HYNIX-HY62SF16806A Datasheet
208Kb / 11P
   512Kx16bit full CMOS SRAM
HY62UF16806B HYNIX-HY62UF16806B Datasheet
341Kb / 11P
   512Kx16bit full CMOS SRAM
HY62LF16806B HYNIX-HY62LF16806B Datasheet
324Kb / 11P
   512Kx16bit full CMOS SRAM
HY62LF16806A HYNIX-HY62LF16806A Datasheet
219Kb / 11P
   512Kx16bit full CMOS SRAM
HY62UF16806A HYNIX-HY62UF16806A Datasheet
218Kb / 11P
   512Kx16bit full CMOS SRAM
HY62UF16800B HYNIX-HY62UF16800B Datasheet
340Kb / 11P
   512Kx16bit full CMOS SRAM
HY62UF16804A HYNIX-HY62UF16804A Datasheet
201Kb / 10P
   512Kx16bit full CMOS SRAM
HY62UF16804B HYNIX-HY62UF16804B Datasheet
197Kb / 10P
   512Kx16bit full CMOS SRAM
logo
Nel Frequency Controls,...
HY62LF16804A NEL-HY62LF16804A Datasheet
148Kb / 10P
   512Kx16bit full CMOS SRAM
logo
Hynix Semiconductor
HY62SF16806B HYNIX-HY62SF16806B Datasheet
314Kb / 11P
   512Kx16bit full CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com