Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62SF16406E-SF Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HY62SF16406E-SF
Description  256Kx16bit full CMOS SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62SF16406E-SF Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HY62SF16406E-SF Datasheet HTML 2Page - Hynix Semiconductor HY62SF16406E-SF Datasheet HTML 3Page - Hynix Semiconductor HY62SF16406E-SF Datasheet HTML 4Page - Hynix Semiconductor HY62SF16406E-SF Datasheet HTML 5Page - Hynix Semiconductor HY62SF16406E-SF Datasheet HTML 6Page - Hynix Semiconductor HY62SF16406E-SF Datasheet HTML 7Page - Hynix Semiconductor HY62SF16406E-SF Datasheet HTML 8Page - Hynix Semiconductor HY62SF16406E-SF Datasheet HTML 9Page - Hynix Semiconductor HY62SF16406E-SF Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HY62SF16406E Series
Rev.02 / May.02
5
TIMING DIAGRAM
READ CYCLE 1(Note 1,4)
READ CYCLE 2(Note 1,2,4)
tRC
tAA
Data Valid
Previous Data
tOH
tOH
ADDR
Data
Out
READ CYCLE 3(Note 1,2,4)
/CS1
/UB, /LB
tACS
Data Valid
tCLZ(3)
tCHZ(3)
Data
Out
CS2
Notes:
1. Read Cycle occurs whenever a high on the /WE and /OE is low, while /UB and/or /LB and /CS1 and
CS2 are in active status.
2. /OE = VIL
3. Transition is measured + 200mV from steady state voltage.
This parameter is sampled and not 100% tested.
4. /CS1 in high for the standby, low for active
CS2 in low for the standby, high for active. /UB and /LB in high for the standby, low for active
Data Valid
High-Z
ADDR
Data
Out
tRC
/CS1
CS2
/UB ,/ LB
/OE
tAA
tACS
tBA
tOE
tCLZ(3)
tBLZ(3)
tOLZ(3)
tOH
tCHZ(3)
tBHZ(3)
tOHZ(3)


Similar Part No. - HY62SF16406E-SF

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62SF16406C HYNIX-HY62SF16406C Datasheet
192Kb / 11P
   256Kx16bit full CMOS SRAM
HY62SF16406C-DM85I HYNIX-HY62SF16406C-DM85I Datasheet
192Kb / 11P
   256Kx16bit full CMOS SRAM
HY62SF16406C-I HYNIX-HY62SF16406C-I Datasheet
192Kb / 11P
   256Kx16bit full CMOS SRAM
HY62SF16406C-SM85I HYNIX-HY62SF16406C-SM85I Datasheet
192Kb / 11P
   256Kx16bit full CMOS SRAM
HY62SF16406D HYNIX-HY62SF16406D Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
More results

Similar Description - HY62SF16406E-SF

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62SF16406D HYNIX-HY62SF16406D Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62LF16404C HYNIX-HY62LF16404C Datasheet
186Kb / 10P
   256Kx16bit full CMOS SRAM
HY62VF08401C HYNIX-HY62VF08401C Datasheet
154Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16403A HYNIX-HY62SF16403A Datasheet
129Kb / 10P
   256Kx16bit full CMOS SRAM
HY62LF16406C HYNIX-HY62LF16406C Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62SF16404C HYNIX-HY62SF16404C Datasheet
184Kb / 10P
   256Kx16bit full CMOS SRAM
HY62LF16406D HYNIX-HY62LF16406D Datasheet
193Kb / 11P
   256Kx16bit full CMOS SRAM
HY62UF16403A HYNIX-HY62UF16403A Datasheet
190Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16404D HYNIX-HY62SF16404D Datasheet
185Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16406C HYNIX-HY62SF16406C Datasheet
192Kb / 11P
   256Kx16bit full CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com