Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62SF16406C Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HY62SF16406C
Description  256Kx16bit full CMOS SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62SF16406C Datasheet(HTML) 2 Page - Hynix Semiconductor

  HY62SF16406C Datasheet HTML 1Page - Hynix Semiconductor HY62SF16406C Datasheet HTML 2Page - Hynix Semiconductor HY62SF16406C Datasheet HTML 3Page - Hynix Semiconductor HY62SF16406C Datasheet HTML 4Page - Hynix Semiconductor HY62SF16406C Datasheet HTML 5Page - Hynix Semiconductor HY62SF16406C Datasheet HTML 6Page - Hynix Semiconductor HY62SF16406C Datasheet HTML 7Page - Hynix Semiconductor HY62SF16406C Datasheet HTML 8Page - Hynix Semiconductor HY62SF16406C Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HY62SF16406C Series
Rev.02 / Jun.01
2
DESCRIPTION
The HY62SF16406C is a high speed, super low
power and 4Mbit full CMOS SRAM organized as
256K words by 16bits. The HY62SF16406C uses
high performance full CMOS process technology
and is designed for high speed and low power
circuit technology. It is particularly well-suited for
the high density low power system application.
This device has a data retention mode that
guarantees data to remain valid at a minimum
power supply voltage of 1.2V.
FEATURES
• Fully static operation and Tri-state output
• TTL compatible inputs and outputs
• Battery backup
-. 1.2V(min) data retention
• Standard pin configuration
-. 48-ball uBGA
Standby
Current(uA)
Product No.
Voltage
(V)
Speed (ns)
Operation
Current/Icc(mA)
LL
SL
Temperature
(
°C)
HY62SF16406C-I
1.7~2.3
85
3
10
3
-40~85
Note 1. I : Industrial
2. Current value is max.
PIN CONNECTION
BLOCK DIAGRAM
PIN DESCRIPTION
Pin Name
Pin Function
Pin Name
Pin Function
/CS1, CS2
Chip Select
I/O1~I/O16
Data Inputs/Outputs
/WE
Write Enable
A0~A17
Address Inputs
/OE
Output Enable
Vcc
Power (1.7~2.3V)
/LB
Lower Byte Control (I/O1~I/O8)
Vss
Ground
/UB
Upper Byte Control (I/O9~I/O16)
NC
No Connection
MEMORY ARRAY
256K x 16
ROW
DECODER
I/O1
I/O8
I/O9
I/O16
A17
/CS1
/OE
/LB
/UB
/WE
CS2
1
2
3
4
5
6
A
B
C
D
E
F
G
H
FBGA
/LB
IO9
IO10
/OE
A0
A1
A2
CS2
/UB
A3
A4
/CS1
IO1
IO11 A5
A6
IO2
IO3
Vss
IO12 A17
A7
IO4
Vcc
Vcc
IO13 NC
A16
IO5
Vss
IO15 IO14 A14
A15
IO6
IO7
IO16 NC
A12
A13
/WE
IO8
NC
A8
A9
A10
A11
NC


Similar Part No. - HY62SF16406C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62SF16406D HYNIX-HY62SF16406D Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62SF16406D-DF HYNIX-HY62SF16406D-DF Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62SF16406D-DFI HYNIX-HY62SF16406D-DFI Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62SF16406D-I HYNIX-HY62SF16406D-I Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62SF16406D-SF HYNIX-HY62SF16406D-SF Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
More results

Similar Description - HY62SF16406C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62SF16406D HYNIX-HY62SF16406D Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62LF16404C HYNIX-HY62LF16404C Datasheet
186Kb / 10P
   256Kx16bit full CMOS SRAM
HY62VF08401C HYNIX-HY62VF08401C Datasheet
154Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16403A HYNIX-HY62SF16403A Datasheet
129Kb / 10P
   256Kx16bit full CMOS SRAM
HY62LF16406C HYNIX-HY62LF16406C Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62SF16404C HYNIX-HY62SF16404C Datasheet
184Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16406E HYNIX-HY62SF16406E Datasheet
192Kb / 11P
   256Kx16bit full CMOS SRAM
HY62LF16406D HYNIX-HY62LF16406D Datasheet
193Kb / 11P
   256Kx16bit full CMOS SRAM
HY62UF16403A HYNIX-HY62UF16403A Datasheet
190Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16404D HYNIX-HY62SF16404D Datasheet
185Kb / 10P
   256Kx16bit full CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com