Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62LF16404D-DF Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HY62LF16404D-DF
Description  256Kx16bit full CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62LF16404D-DF Datasheet(HTML) 3 Page - Hynix Semiconductor

  HY62LF16404D-DF Datasheet HTML 1Page - Hynix Semiconductor HY62LF16404D-DF Datasheet HTML 2Page - Hynix Semiconductor HY62LF16404D-DF Datasheet HTML 3Page - Hynix Semiconductor HY62LF16404D-DF Datasheet HTML 4Page - Hynix Semiconductor HY62LF16404D-DF Datasheet HTML 5Page - Hynix Semiconductor HY62LF16404D-DF Datasheet HTML 6Page - Hynix Semiconductor HY62LF16404D-DF Datasheet HTML 7Page - Hynix Semiconductor HY62LF16404D-DF Datasheet HTML 8Page - Hynix Semiconductor HY62LF16404D-DF Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HY62LF16404D Series
Rev.03 / Aug.01
2
ORDERING INFORMATION
Part No.
Speed
Power
Temp
.
Package
HY62LF16404D-DF(I)
70/85
LL-part
I
FBGA
HY62LF16404D-SF(I)
70/85
SL-part
I
FBGA
Note 1. Blank : Commercial, I : Industrial
ABSOLUTE MAXIMUM RATINGS (1)
Symbol
Parameter
Rating
Unit
Remark
VIN, VOUT
Input/Output Voltage
-0.3 to 3.0
V
Vcc
Power Supply
-0.3 to 4.0
V
TA
Operating Temperature
40 to 85
°C
HY62LF16404D-I
TSTG
Storage Temperature
-55 to 150
°C
PD
Power Dissipation
1.0
W
TSOLDER
Ball Soldering Temperature & Time
260
• 10
°C•sec
Note
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent
damage to the device. This is stress rating only and the functional operation of the device under these or
any other conditions above those indicated in the operation of this specification is not implied.
Exposure to the absolute maximum rating conditions for extended period may affect reliability.
TRUTH TABLE
I/O Pin
/CS
/WE
/OE
/LB
/UB
Mode
I/O1~I/O8
I/O9~I/O16
Power
H
X
X
X
X
X
X
X
H
H
Deselected
High-Z
High-Z
Standby
L
X
L
H
H
X
L
Output Disabled
High-Z
High-Z
Active
L
H
DOUT
High-Z
H
L
High-Z
DOUT
L
H
L
L
L
Read
DOUT
DOUT
Active
L
H
DIN
High-Z
H
L
High-Z
DIN
L
L
X
L
L
Write
DIN
DIN
Active
Note:
1. H=VIH, L=VIL, X=don't care (VIL or VIH)
2. /UB, /LB(Upper, Lower Byte enable)
These active LOW inputs allow individual bytes to be written or read.
When /LB is LOW, data is written or read to the lower byte, I/O 1 -I/O 8.
When /UB is LOW, data is written or read to the upper byte, I/O 9 -I/O 16.


Similar Part No. - HY62LF16404D-DF

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62LF16404C HYNIX-HY62LF16404C Datasheet
186Kb / 10P
   256Kx16bit full CMOS SRAM
HY62LF16404C-DM HYNIX-HY62LF16404C-DM Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62LF16404C-DMI HYNIX-HY62LF16404C-DMI Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62LF16404C-I HYNIX-HY62LF16404C-I Datasheet
186Kb / 10P
   256Kx16bit full CMOS SRAM
HY62LF16404C-SM HYNIX-HY62LF16404C-SM Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
More results

Similar Description - HY62LF16404D-DF

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62SF16406D HYNIX-HY62SF16406D Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62LF16404C HYNIX-HY62LF16404C Datasheet
186Kb / 10P
   256Kx16bit full CMOS SRAM
HY62VF08401C HYNIX-HY62VF08401C Datasheet
154Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16403A HYNIX-HY62SF16403A Datasheet
129Kb / 10P
   256Kx16bit full CMOS SRAM
HY62LF16406C HYNIX-HY62LF16406C Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62SF16404C HYNIX-HY62SF16404C Datasheet
184Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16406E HYNIX-HY62SF16406E Datasheet
192Kb / 11P
   256Kx16bit full CMOS SRAM
HY62LF16406D HYNIX-HY62LF16406D Datasheet
193Kb / 11P
   256Kx16bit full CMOS SRAM
HY62UF16403A HYNIX-HY62UF16403A Datasheet
190Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16404D HYNIX-HY62SF16404D Datasheet
185Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16406C HYNIX-HY62SF16406C Datasheet
192Kb / 11P
   256Kx16bit full CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com