Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY29DS162 Datasheet(PDF) 25 Page - Hynix Semiconductor

Part # HY29DS162
Description  16 Megabit (2M x 8/1M x 16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29DS162 Datasheet(HTML) 25 Page - Hynix Semiconductor

Back Button HY29DS162 Datasheet HTML 21Page - Hynix Semiconductor HY29DS162 Datasheet HTML 22Page - Hynix Semiconductor HY29DS162 Datasheet HTML 23Page - Hynix Semiconductor HY29DS162 Datasheet HTML 24Page - Hynix Semiconductor HY29DS162 Datasheet HTML 25Page - Hynix Semiconductor HY29DS162 Datasheet HTML 26Page - Hynix Semiconductor HY29DS162 Datasheet HTML 27Page - Hynix Semiconductor HY29DS162 Datasheet HTML 28Page - Hynix Semiconductor HY29DS162 Datasheet HTML 29Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
25
HY29DS162/HY29DS163
r1.3/Apr 01
WRITE OPERATION STATUS
The HY29DS16x provides a number of facilities
to determine the status of a program or erase op-
eration. These are the RY/BY# (Ready/Busy#)
pin and certain bits of a status word which can be
read from the device during the programming and
erase operations. Table 16 summarizes the sta-
tus indications and further detail is provided in the
subsections which follow.
RY/BY# - Ready/Busy#
RY/BY# is an open-drain output pin that indicates
whether a programming or erase Automatic Algo-
rithm is in progress or has completed. A pull-up
resistor to V
CC is required for proper operation. RY/
BY# is valid after the rising edge of the final WE#
pulse in the corresponding command sequence,
including during the sector erase time-out.
If the output is Low (busy), the device is actively
erasing or programming, including programming
while in the Erase Suspend mode. If the output is
High (ready), the device has completed the op-
eration and is ready to read array data, is in the
standby mode, or at least one bank is in the erase-
suspend read mode.
Table 16. Write and Erase Operation Status Summary
Notes:
1. A valid address within the bank where an Automatic algorithm is in progress is required when reading status information
except RY/BY#. For a programming operation, the address used for the read cycle should be the program address. For
an erase operation, the address used for the read cycle should be any address within a non-protected sector marked for
erasure (any address for the chip erase operation).
2. DQ[5] status switches to a ‘1’ when a program or erase operation exceeds the maximum timing limit.
3. A ‘1’ during sector erase indicates that the 50 µs time-out has expired and active erasure is in progress.
DQ[3] is not
applicable to the chip erase operation.
4. Equivalent to ‘No Toggle’ because data is obtained in this state. For ‘Erase Completed’,
5. Data (DQ[7:0]) = 0xFF immediately after erasure.
6. Programming can be done only in a non-suspended sector (a sector not specified for erasure).
e
d
o
M
n
o
i
t
a
r
e
p
O
]
7
[
Q
D
1
]
6
[
Q
D
]
5
[
Q
D
]
3
[
Q
D
]
2
[
Q
D
1
#
Y
B
/
Y
R
l
a
m
r
o
N
s
s
e
r
g
o
r
p
n
i
g
n
i
m
m
a
r
g
o
r
P#
]
7
[
Q
De
l
g
g
o
T1
/
0
2
A
/
NA
/
N0
d
e
t
e
l
p
m
o
c
g
n
i
m
m
a
r
g
o
r
Pa
t
a
Da
t
a
D
4
a
t
a
Da
t
a
Da
t
a
D1
s
s
e
r
g
o
r
p
n
i
e
s
a
r
E0
e
l
g
g
o
T1
/
0
2
1 3
e
l
g
g
o
T0
d
e
t
e
l
p
m
o
c
e
s
a
r
E
5
a
t
a
Da
t
a
D
4
a
t
a
Da
t
a
Da
t
a
D
4
1
e
s
a
r
E
d
n
e
p
s
u
S
d
e
d
n
e
p
s
u
s
e
s
a
r
e
n
i
h
t
i
w
d
a
e
R
r
o
t
c
e
s
1e
l
g
g
o
t
o
N0
A
/
Ne
l
g
g
o
T1
e
s
a
r
e
-
n
o
n
n
i
h
t
i
w
d
a
e
R
r
o
t
c
e
s
d
e
d
n
e
p
s
u
s
a
t
a
Da
t
a
Da
t
a
Da
t
a
Da
t
a
D1
s
s
e
r
g
o
r
p
n
i
g
n
i
m
m
a
r
g
o
r
P
6
#
]
7
[
Q
De
l
g
g
o
T1
/
0
2
A
/
NA
/
N0
d
e
t
e
l
p
m
o
c
g
n
i
m
m
a
r
g
o
r
P
6
a
t
a
Da
t
a
D
4
a
t
a
Da
t
a
Da
t
a
D1
DQ[7] - Data# Polling
The Data# Polling bit, DQ[7], indicates to the host
system whether an Automatic Algorithm is in
progress or completed, or whether a bank is in
Erase Suspend mode. Data# Polling is valid after
the rising edge of the final WE# pulse in the pro-
gram or erase command sequence.
While a programming operation is in progress, the
device outputs the complement of the value pro-
grammed to DQ[7]. When the programming op-
eration is complete, the device outputs the value
programmed to DQ[7]. If a program operation is
attempted within a protected sector, Data# Poll-
ing on DQ[7] is active for approximately 1 µs, then
the device returns to reading array data. The host
system must do a read at the program address to
obtain valid programming status information on this
bit.
During an erase operation, Data# Polling produces
a “0” on DQ[7]. When the erase operation is com-
plete, or if the bank enters the Erase Suspend
mode, Data# Polling produces a “1” on DQ[7]. The
host must read at an address within any of the
non-protected sectors designated for erasure to


Similar Part No. - HY29DS162

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29DS322 HYNIX-HY29DS322 Datasheet
289Kb / 6P
   32 Megabit (4M x 8/2M x16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
HY29DS323 HYNIX-HY29DS323 Datasheet
289Kb / 6P
   32 Megabit (4M x 8/2M x16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
More results

Similar Description - HY29DS162

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29DL162 HYNIX-HY29DL162 Datasheet
548Kb / 48P
   16 Megabit (2M x 8/1M x16) Low Voltage, Dual Bank, Simultaneous Read/Write Flash Memory
HY29DS322 HYNIX-HY29DS322 Datasheet
289Kb / 6P
   32 Megabit (4M x 8/2M x16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
logo
ATMEL Corporation
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160 ATMEL-AT49BV160 Datasheet
308Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com