Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HY29DL162 Datasheet(PDF) 45 Page - Hynix Semiconductor

Part No. HY29DL162
Description  16 Megabit (2M x 8/1M x16) Low Voltage, Dual Bank, Simultaneous Read/Write Flash Memory
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HYNIX [Hynix Semiconductor]
Homepage  http://www.skhynix.com/ko/index.jsp
Logo 

HY29DL162 Datasheet(HTML) 45 Page - Hynix Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
45
r1.3/June 01
HY29DL162/HY29DL163
Latchup Characteristics
Notes:
1. Includes all pins except V
CC.
Test conditions: V
CC = 1.8 V, one pin at a time.
TSOP Pin Capacitance
Notes:
1. Sampled, not 100% tested.
2. Test conditions: T
A = 25 ºC, f = 1.0 MHz.
n
o
i
t
p
i
r
c
s
e
D
m
u
m
i
n
i
M
m
u
m
i
x
a
M
t
i
n
U
V
o
t
t
c
e
p
s
e
r
h
t
i
w
e
g
a
t
l
o
v
t
u
p
n
I
S
S
s
n
i
p
O
/
I
t
p
e
c
x
e
s
n
i
p
ll
a
n
o
)
#
T
E
S
E
R
d
n
a
#
E
O
,
]
9
[
A
g
n
i
d
u
l
c
n
i
(
0
.
1
-5
.
2
1V
V
o
t
t
c
e
p
s
e
r
h
t
i
w
e
g
a
t
l
o
v
t
u
p
n
I
S
S
s
n
i
p
O
/
I
ll
a
n
o0
.
1
-V
C
C
0
.
1
+V
V
C
C
t
n
e
r
r
u
C0
0
1
-0
0
1A
m
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
p
u
t
e
S
t
s
e
T
p
y
T
x
a
M
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
IV
N
I
0
=6
5
.
7F
p
C
T
U
O
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
OV
T
U
O
0
=5
.
82
1F
p
C
2
N
I
e
c
n
a
t
i
c
a
p
a
C
n
i
P
l
o
r
t
n
o
CV
N
I
0
=5
.
79
F
p
Data Retention
r
e
t
e
m
a
r
a
P
s
n
o
i
t
i
d
n
o
C
t
s
e
T
m
u
m
i
n
i
M
t
i
n
U
e
m
i
T
n
o
i
t
n
e
t
e
R
a
t
a
D
n
r
e
t
t
a
P
m
u
m
i
n
i
M
C
º
0
5
10
1s
r
a
e
Y
C
º
5
2
10
2s
r
a
e
Y
PACKAGE DRAWINGS
Physical Dimensions
TSOP48 - 48-pin Thin Small Outline Package (measurements in millimeters)
18.30
18.50
Pin 1 ID
11.90
12.10
0.25MM (0.0098") BSC
1.20
MAX
1
24
48
25
19.80
20.20
0.50 BSC
0.95
1.05
0.50
0.70
0
5
o
o
0.10
0.21
0.08
0.20
0.05
0.15


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn