Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HY29DL162 Datasheet(PDF) 43 Page - Hynix Semiconductor

Part No. HY29DL162
Description  16 Megabit (2M x 8/1M x16) Low Voltage, Dual Bank, Simultaneous Read/Write Flash Memory
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HYNIX [Hynix Semiconductor]
Homepage  http://www.skhynix.com/ko/index.jsp
Logo 

HY29DL162 Datasheet(HTML) 43 Page - Hynix Semiconductor

Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
43
r1.3/June 01
HY29DL162/HY29DL163
AC CHARACTERISTICS
Alternate CE# Controlled Erase/Program Operations
Notes:
1. Not 100% tested.
2. Typical program and erase times assume the following conditions: 25 °C, V
CC = 3.0 volts, 100,000 cycles.
In addition,
programming typicals assume a checkerboard pattern. Maximum program and erase times are under worst case condi-
tions of 90 °C, V
CC = 2.7 volts, 100,000 cycles.
3. Excludes system-level overhead, which is the time required to execute the four-bus-cycle sequence for the Program
command. See Table 10 for further information on command sequences.
4. Excludes 0x00 programming prior to erasure. In the preprogramming step of the Automatic Erase algorithm, all bytes
are programmed to 0x00 before erasure.
5. The typical chip programming time is considerably less than the maximum chip programming time listed since most
bytes program faster than the maximum programming times specified. The device sets DQ[5] = 1 only If the maximum
byte program time specified is exceeded. See Write Operation Status section for additional information.
r
e
t
e
m
a
r
a
P
n
o
i
t
p
i
r
c
s
e
D
n
o
i
t
p
O
d
e
e
p
S
t
i
n
U
C
E
D
E
J
d
t
S
0
7
-
0
8
-
0
9
-
2
1
-
t
V
A
V
A
t
C
W
e
m
i
T
e
l
c
y
C
e
t
i
r
W
1
n
i
M0
70
80
90
2
1s
n
t
L
E
V
A
t
S
A
e
m
i
T
p
u
t
e
S
s
s
e
r
d
d
An
i
M0
s
n
t
X
A
L
E
t
H
A
e
m
i
T
d
l
o
H
s
s
e
r
d
d
An
i
M5
45
45
40
5s
n
t
H
E
V
D
t
S
D
e
m
i
T
p
u
t
e
S
a
t
a
Dn
i
M5
35
35
40
5s
n
t
X
D
H
E
t
H
D
e
m
i
T
d
l
o
H
a
t
a
Dn
i
M0
s
n
t
L
E
H
G
t
L
E
H
G
e
t
i
r
W
e
r
o
f
e
B
e
m
i
T
y
r
e
v
o
c
e
R
d
a
e
Rn
i
M0
s
n
t
L
E
L
W
t
S
W
e
m
i
T
p
u
t
e
S
#
E
Wn
i
M0
s
n
t
H
W
H
E
t
H
W
e
m
i
T
d
l
o
H
#
E
Wn
i
M0
s
n
t
H
E
L
E
t
P
C
h
t
d
i
W
e
s
l
u
P
#
E
Cn
i
M0
30
35
40
5s
n
t
L
E
H
E
t
H
P
C
h
g
i
H
h
t
d
i
W
e
s
l
u
P
#
E
Cn
i
M0
3s
n
t
1
H
W
H
W
t
1
H
W
H
W
n
o
i
t
a
r
e
p
O
g
n
i
m
m
a
r
g
o
r
P
3
,
2
,
1
e
d
o
M
e
t
y
B
p
y
T0
1s
µ
x
a
M0
5
1s
µ
e
d
o
M
d
r
o
W
p
y
T5
1s
µ
x
a
M0
1
2s
µ
g
n
i
m
m
a
r
g
o
r
P
d
e
t
a
r
e
l
e
c
c
A
n
o
i
t
a
r
e
p
O
3
,
2
,
1
V
=
C
C
A
/
#
P
W
(
H
H )
r
o
e
t
y
B
e
d
o
M
d
r
o
W
p
y
T0
1s
µ
x
a
M0
5
1s
µ
n
o
i
t
a
r
e
p
O
g
n
i
m
m
a
r
g
o
r
P
p
i
h
C
5
,
3
,
2
,
1
e
d
o
M
e
t
y
B
p
y
T0
2c
e
s
x
a
M0
6c
e
s
e
d
o
M
d
r
o
W
p
y
T6
1c
e
s
x
a
M8
4c
e
s
t
2
H
W
H
W
t
2
H
W
H
W
n
o
i
t
a
r
e
p
O
e
s
a
r
E
r
o
t
c
e
S
4
,
2
,
1
p
y
T5
.
0c
e
s
x
a
M5
.
7c
e
s
t
3
H
W
H
W
t
3
H
W
H
W
n
o
i
t
a
r
e
p
O
e
s
a
r
E
p
i
h
C
4
,
2
,
1
p
y
T6
1c
e
s
e
c
n
a
r
u
d
n
E
e
l
c
y
C
m
a
r
g
o
r
P
d
n
a
e
s
a
r
E
1
p
y
T0
0
0
,
0
0
0
,
1s
e
l
c
y
c
n
i
M0
0
0
,
0
0
1s
e
l
c
y
c
t
Y
S
U
B
y
a
l
e
D
#
Y
B
/
Y
R
o
t
#
E
Cn
i
M0
9s
n


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn