Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HY29DL162 Datasheet(PDF) 33 Page - Hynix Semiconductor

Part No. HY29DL162
Description  16 Megabit (2M x 8/1M x16) Low Voltage, Dual Bank, Simultaneous Read/Write Flash Memory
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HYNIX [Hynix Semiconductor]
Homepage  http://www.skhynix.com/ko/index.jsp
Logo 

HY29DL162 Datasheet(HTML) 33 Page - Hynix Semiconductor

Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
33
r1.3/June 01
HY29DL162/HY29DL163
AC CHARACTERISTICS
Read Operations
Notes:
1. Not 100% tested.
Addresses Stable
t
RC
t
ACC
Output Valid
t
OE
t
CE
t
OEH
t
OH
t
DF
RY/BY#
0 V
RESET#
Outputs
WE#
OE#
CE#
Addresses
Figure 15. Read Operation Timings
r
e
t
e
m
a
r
a
P
n
o
i
t
p
i
r
c
s
e
D
p
u
t
e
S
t
s
e
T
n
o
i
t
p
O
d
e
e
p
S
t
i
n
U
C
E
D
E
J
d
t
S
0
7
-
0
8
-
0
9
-
2
1
-
t
V
A
V
A
t
C
R
e
m
i
T
e
l
c
y
C
d
a
e
R
1
n
i
M0
70
80
90
2
1s
n
t
V
Q
V
A
t
C
C
A
y
a
l
e
D
t
u
p
t
u
O
o
t
s
s
e
r
d
d
A
V
=
#
E
C
L
I
V
=
#
E
O
L
I
x
a
M0
70
80
90
2
1s
n
t
V
Q
L
E
t
E
C
y
a
l
e
D
t
u
p
t
u
O
o
t
e
l
b
a
n
E
p
i
h
CV
=
#
E
O
L
I
x
a
M0
70
80
90
2
1s
n
t
Z
Q
H
E
t
F
D
Z
h
g
i
H
t
u
p
t
u
O
o
t
e
l
b
a
n
E
p
i
h
C
1
x
a
M0
30
30
40
5s
n
t
V
Q
L
G
t
E
O
y
a
l
e
D
t
u
p
t
u
O
o
t
e
l
b
a
n
E
t
u
p
t
u
OV
=
#
E
C
L
I
x
a
M5
25
20
30
3s
n
t
Z
Q
H
G
t
F
D
Z
h
g
i
H
t
u
p
t
u
O
o
t
e
l
b
a
n
E
t
u
p
t
u
O
1
x
a
M5
25
20
30
3s
n
t
H
E
O
e
l
b
a
n
E
t
u
p
t
u
O
e
m
i
T
d
l
o
H
1
d
a
e
Rn
i
M0
s
n
d
n
a
e
l
g
g
o
T
g
n
il
l
o
P
#
a
t
a
D
n
i
M0
1s
n
t
X
Q
X
A
t
H
O
#
E
C
,
s
e
s
s
e
r
d
d
A
m
o
r
f
e
m
i
T
d
l
o
H
t
u
p
t
u
O
t
s
r
i
F
s
r
u
c
c
O
r
e
v
e
h
c
i
h
W
,
#
E
O
r
o
1
n
i
M0
s
n


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn