Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HY29DL162 Datasheet(PDF) 30 Page - Hynix Semiconductor

Part No. HY29DL162
Description  16 Megabit (2M x 8/1M x16) Low Voltage, Dual Bank, Simultaneous Read/Write Flash Memory
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HYNIX [Hynix Semiconductor]
Homepage  http://www.skhynix.com/ko/index.jsp
Logo 

HY29DL162 Datasheet(HTML) 30 Page - Hynix Semiconductor

Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
30
r1.3/June 01
HY29DL162/HY29DL163
DC CHARACTERISTICS
r
e
t
e
m
a
r
a
P
n
o
i
t
p
i
r
c
s
e
D
p
u
t
e
S
t
s
e
T
2
n
i
M
p
y
T
x
a
M
t
i
n
U
I
I
L
t
n
e
r
r
u
C
d
a
o
L
t
u
p
n
IV
N
I
V
=
S
S
V
o
t
C
C
0
.
1
±A
µ
I
T
I
L
t
n
e
r
r
u
C
d
a
o
L
t
u
p
n
I
]
9
[
AV
5
.
2
1
=
]
9
[
A5
3A
µ
I
O
L
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
t
u
OV
T
U
O
V
=
S
S
V
o
t
C
C
0
.
1
±A
µ
I
1
C
C
V
C
C
t
n
e
r
r
u
C
d
a
e
R
e
v
i
t
c
A
1
V
=
#
E
C
L
I ,
V
=
#
E
O
H
I ,
e
d
o
M
e
t
y
B
z
H
M
50
16
1A
m
z
H
M
12
4
A
m
V
=
#
E
C
L
I ,
V
=
#
E
O
H
I ,
e
d
o
M
d
r
o
W
z
H
M
50
16
1A
m
z
H
M
12
4
A
m
I
2
C
C
V
C
C
e
t
i
r
W
e
l
i
h
W
d
a
e
R
e
v
i
t
c
A
t
n
e
r
r
u
C
)
e
s
a
r
E
r
o
m
a
r
g
o
r
P
(
1
V
=
#
E
C
L
I ,
V
=
#
E
O
H
I ,
e
d
o
M
e
t
y
B
z
H
M
51
25
4A
m
z
H
M
16
14
3A
m
V
=
#
E
C
L
I ,
V
=
#
E
O
H
I ,
e
d
o
M
d
r
o
W
z
H
M
51
25
4A
m
z
H
M
16
14
3A
m
I
3
C
C
V
C
C
t
n
e
r
r
u
C
e
t
i
r
W
e
v
i
t
c
A
4
,
3
V
=
#
E
C
L
I ,V
=
#
E
O
H
I
5
15
3A
m
I
4
C
C
V
C
C
p
e
e
D
d
e
ll
o
r
t
n
o
C
#
E
C
t
n
e
r
r
u
C
y
b
d
n
a
t
S
V
=
#
E
C
C
C
,
V
3
.
0
±
V
=
#
T
E
S
E
R
C
C
V
3
.
0
±
2
.
05
A
µ
I
5
C
C
V
C
C
p
e
e
D
d
e
ll
o
r
t
n
o
C
#
T
E
S
E
R
t
n
e
r
r
u
C
y
b
d
n
a
t
S
V
=
#
T
E
S
E
R
S
S
V
3
.
0
±2
.
05
A
µ
I
6
C
C
e
d
o
M
p
e
e
l
S
c
i
t
a
m
o
t
u
A
t
n
e
r
r
u
C
5
V
H
I
V
=
C
C
,
V
3
.
0
±
V
L
I
V
=
S
S
V
3
.
0
±
2
.
05
A
µ
I
7
C
C
V
C
C
l
a
m
r
o
N
d
e
ll
o
r
t
n
o
C
#
E
C
t
n
e
r
r
u
C
y
b
d
n
a
t
S
V
=
#
T
E
S
E
R
=
#
E
C
H
I
0
50
0
3A
µ
I
8
C
C
V
C
C
d
e
ll
o
r
t
n
o
C
#
T
E
S
E
R
t
n
e
r
r
u
C
y
b
d
n
a
t
S
l
a
m
r
o
N
2
V
=
#
T
E
S
E
R
L
I
0
50
0
3A
µ
I
C
C
A
,
t
n
e
r
r
u
C
m
a
r
g
o
r
P
d
e
t
a
r
e
l
e
c
c
A
e
d
o
M
d
r
o
W
r
o
e
t
y
B
V
=
#
E
C
L
I ,
V
=
#
E
O
H
I
V
H
H
50
1A
m
V
C
C
5
10
3A
m
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I5
.
0
-8
.
0V
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
Ix
7
.
0V
C
C
V
C
C
3
.
0
+V
V
D
I
d
n
a
D
I
c
i
n
o
r
t
c
e
l
E
r
o
f
e
g
a
t
l
o
V
t
c
e
t
o
r
p
n
U
r
o
t
c
e
S
y
r
a
r
o
p
m
e
T
V
C
C
%
0
1
±
V
0
.
3
=5
.
85
.
2
1V
V
H
H
m
a
r
g
o
r
P
r
o
f
e
g
a
t
l
o
V
n
o
i
t
a
r
e
l
e
c
c
A
V
C
C
%
0
1
±
V
0
.
3
=5
.
85
.
9V
V
1
L
O
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
V
C
C
V
=
C
C
,
n
i
M
I
L
O
A
m
0
.
4
=
5
4
.
0V
V
1
H
O
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
V
C
C
V
=
C
C
,
n
i
M
I
H
O
A
m
0
.
2
-
=
x
5
8
.
0V
C
C
V
V
2
H
O
V
C
C
V
=
C
C
,
n
i
M
I
H
O
0
0
1
-
=A
µ
V
C
C
4
.
0
-V
V
O
K
L
V
w
o
L
C
C
e
g
a
t
l
o
V
t
u
o
k
c
o
L
4
3
.
25
.
2V
Notes:
1. The I
CC current is listed is typically less than 2 mA/MHz with OE# at VIH.
Typical V
CC is 3.0 V.
2. All parameters are tested with V
CC = VCC Max unless otherwise noted.
3. I
CC active while the Automatic Erase or Automatic Program algorithm is in progress.
4. Not 100% tested.
5. Automatic sleep mode is enabled when addresses remain stable for t
ACC + 30 ns (typical).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn