Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HY29DL162 Datasheet(PDF) 3 Page - Hynix Semiconductor

Part No. HY29DL162
Description  16 Megabit (2M x 8/1M x16) Low Voltage, Dual Bank, Simultaneous Read/Write Flash Memory
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HYNIX [Hynix Semiconductor]
Homepage  http://www.skhynix.com/ko/index.jsp
Logo 

HY29DL162 Datasheet(HTML) 3 Page - Hynix Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
3
r1.3/June 01
HY29DL162/HY29DL163
BLOCK DIAGRAM
STATE
CONTROL
WE#
CE#
RESET#
BYTE#
COMMAND
REGISTER
A[19:0], A[-1]
V
CC
DETECTOR
TIMER
ERASE VOLTAGE
GENERATOR AND
SECTOR SWITCHES
PROGRAM
VOLTAGE
GENERATOR
X-DECODER
Y-DECODER
16 Mb FLASH
MEMORY
ARRAY
(2 Banks,
39 Sectors)
0.5 Mb FLASH
Security Sector
Y-GATING
DATA LATCH
I/O BUFFERS
I/O CONTROL
RY/BY#
DQ[15:0]
CFI
CONTROL
CFI DATA
MEMORY
A[19:0], A[-1]
WP#/ACC
OE#
mand. Reading data out of the device is similar to
reading from other Flash or EPROM devices.
The Secured Sector is an extra 64 Kbyte sector
capable of being permanently locked at the fac-
tory or by customers. The Secured Indicator Bit
(accessed via the Electronic ID mode) is perma-
nently set to a 1 if the part is factory locked, and
permanently set to a 0 if customer lockable. This
way, customer lockable parts can never be used
to replace a factory locked part. Factory locked
parts provide several options. The Secured Sec-
tor may store a secure, random 16-byte ESN (Elec-
tronic Serial Number), customer code programmed
at the factory, or both. Customer Lockable parts
may utilize the Secured Sector as bonus space,
reading and writing like any other Flash sector, or
may permanently lock their own code there.
The WP#/ACC pin provides access to two func-
tions. The Write Protect function provides a hard-
ware method of protecting certain boot sectors
without using a high voltage. The Accelerate func-
tion speeds up programming operations, and is
intended primarily to allow faster manufacturing
throughput.
Two power-saving features are embodied in the
HY29DL16x. When addresses have been stable
for a specified amount of time, the device enters
the automatic sleep mode. The host can also place
the device into the standby mode. Power con-
sumption is greatly reduced in both these modes.
Common Flash Memory Interface (CFI)
To make Flash memories interchangeable and to
encourage adoption of new Flash technologies,
major Flash memory suppliers developed a flex-
ible method of identifying Flash memory sizes and
configurations in which all necessary Flash device
parameters are stored directly on the device.
Parameters stored include memory size, byte/word
configuration, sector configuration, necessary volt-
ages and timing information. This allows one set
of software drivers to identify and use a variety of
different, current and future Flash products. The
standard which details the software interface nec-
essary to access the device to identify it and to
determine its characteristics is the Common Flash
Memory Interface (CFI) Specification.
The
HY29DL16x is fully compliant with this specification.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn