Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRD10RM0CBR Datasheet(PDF) 1 Page - ITT Industries

Part # CRD10RM0CBR
Description  10mm DIP Coded Rotary Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CRD10RM0CBR Datasheet(HTML) 1 Page - ITT Industries

  CRD10RM0CBR Datasheet HTML 1Page - ITT Industries CRD10RM0CBR Datasheet HTML 2Page - ITT Industries CRD10RM0CBR Datasheet HTML 3Page - ITT Industries CRD10RM0CBR Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-32
I
C&K CRD Series
10mm DIP Coded Rotary Switches
Features/Benefits
Process sealed – withstands
soldering and cleaning
Thru-hole and surface mount models
Crisp, positive detent ensures actua-
tion
Computer and peripherals
Rohs compliant - options available
How To Order
Our easy Build-A Switch concept allows you to mix and match options to create the switch you need. Below is a complete
listing of options shown in catalog. To order, simply select desired option from each category and place in the appropriate box.
R
CD
Switch Function
CRD10R
10 position, BCD
CRD10C
10 position, BCD complement
CRD16R
16 position, Hexadecimal
CRD16C
16 position, Hexadecimal complement
Actuator
M0
Flush, screwdriver slot
L1*
Extended, screwdriver slot
W1*
Wheel
Terminations
A
Right angle, PC thru-hole
C
PC Thru-hole
S
Surface Mount
Contact /Terminal Material
K
Gold/Tin-Lead
B
Gold/Gold
Packaging
(None)
Tube
R
Tape & Reel
(M0 actuator only)
Typical Applications
Address switching applications
Data storage devices
Computer and peripherals
Instrumentation
Specifications
CONTACT RATING: 0.4 V AC, DC 20 V max.
ELECTRICAL LIFE: 20,000 steps min. @ 5 V DC 10 mA.
MECHANICAL LIFE: 30,000 steps min.
CONTACT RESISTANCE: 100 milliohms max. initial
@ 2 V DC 10 mA.
INSULATION RESISTANCE: 1000 megohms min. @ 100 V DC
DIELECTRIC STRENGTH: 300 V AC for 1 minute.
OPERATING TEMPERATURE: -20°C to 85°C.
STORAGE TEMPERATURE: -40°C to 85°C.
OPERATING FORCE: 1000 grams max.
PACKAGING: Switches supplied in anti-static tubes in full quan-
tities only. This may affect order quantity. Surface mount
models with MO actuators available in tape and reel, 500
pieces per reel.
Materials
COVER: (PTH) PBT red; (SMT) PPA - red (UL 94V-0).
HOUSING: (PTH) PBT green; (SMT) PPA - natural (UL 94V-0).
ACTUATOR: 4/6 nylon PA-6T (UL 94V-0).
CONTACTS: Beryllium copper with gold plating.
TERMINALS: Brass with tin-lead plate.
RoHS, Version brass with gold plate over nickel plate.
NOTE: For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
Note: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
* Note - L1 and W1 actuators are not available in termination “S”


Similar Part No. - CRD10RM0CBR

ManufacturerPart #DatasheetDescription
logo
C&K Components
CRD10RM0CB CK-COMPONENTS-CRD10RM0CB Datasheet
181Kb / 4P
   10mm DIP Coded Rotary Switches
CRD10RM0CB-R CK-COMPONENTS-CRD10RM0CB-R Datasheet
305Kb / 4P
   10mm DIP Coded Rotary Switches
2020
More results

Similar Description - CRD10RM0CBR

ManufacturerPart #DatasheetDescription
logo
C&K Components
CRE CK-COMPONENTS-CRE Datasheet
1Mb / 4P
   10mm DIP Coded Rotary Switches
2021
CRD CK-COMPONENTS-CRD_V02 Datasheet
323Kb / 4P
   10mm DIP Coded Rotary Switches
8 Feb 23
CRD CK-COMPONENTS-CRD Datasheet
181Kb / 4P
   10mm DIP Coded Rotary Switches
CRD CK-COMPONENTS-CRD_V01 Datasheet
305Kb / 4P
   10mm DIP Coded Rotary Switches
2020
CD CK-COMPONENTS-CD_V01 Datasheet
206Kb / 4P
   8mm DIP Coded Rotary Switches
2010
logo
ITT Industries
CD08RM0AK ITT-CD08RM0AK Datasheet
248Kb / 4P
   8mm DIP Coded Rotary Switches
logo
C&K Components
CD CK-COMPONENTS-CD_V02 Datasheet
345Kb / 4P
   8mm DIP Coded Rotary Switches
CD08RM0CB CK-COMPONENTS-CD08RM0CB Datasheet
207Kb / 4P
   8mm DIP Coded Rotary Switches
CD CK-COMPONENTS-CD Datasheet
146Kb / 4P
   8mm DIP Coded Rotary Switches
2003
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com