Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMS87C5216 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. HMS87C5216
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER FOR UR(Universal Remocon) & WIRELESS KEYBOARD
Download  76 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

HMS87C5216 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
HMS87C5216
SEP. 2004 Ver 1.01
HMS87C5216
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
FOR UR(Universal Remocon) & WIRELESS KEYBOARD
1. OVERVIEW
1.1 Description
The HMS87C5216 is an advanced CMOS 8-bit microcontroller with 16K bytes of ROM. The device is one of GMS800 family. The Mag-
naChip Semicon HMS87C5216 is a powerful microcontroller which provides a highly flexible and cost effective solution to many UR &
Keyboard applications. The HMS87C5216 provides the following standard features: 16K bytes of ROM, 320 bytes of RAM, 8-bit timer/
counter, on-chip oscillator,clock circuitry and RC wake up function. 4 chanel ADC, In addition, the HMS87C5216 Series supports power
saving modes to reduce power consumption
1.2 Features
• Instruction Cycle Time:
- 1us at 4MHz
• Programmable I/O pins
• Operating Voltage
- 2.0 ~ 5.5 V @ 4MHz
•Timer
- Timer / Counter
......... 16Bit * 1ch
........ 16Bit * 2ch
- Basic Interval Timer ...... 8Bit * 1ch
- Watch Dog Timer ............ 6Bit * 1ch
• 8 Interrupt sources
* Nested Interrupt control is available.
- External input: 2
- Keyscan input
- Basic Interval Timer
- Watchdog timer
- Timer : 3
• Power On Reset
• Power saving Operation Modes
- STOP
- SLEEP
• Low Voltage Detection Circuit
• Watch Dog Timer Auto Start (During 1second
after Power on Reset)
• 4 CHANEL ADC
• RC TIMER WAKE UP
Device name
ROM Size
EPROM Size
RAM Size
Operatind
Voltage
Package
HMS87C5216
-
16K byte
320bytes
2.0 ~ 5.5V
28 SOP
40 PDIP
44 PLCC
44 QFP
28 PIN
40 PIN
44 PIN
INPUT
2
2
2
OUTPUT
2
2
2
I/O
22
34
38


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn