Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MF0032M-05AAXX Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. MF0032M-05AAXX
Description  8/16-bit Data Bus CompactFlash Card
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

MF0032M-05AAXX Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
MITSUBISHI STORAGE CARD
Preliminary
CompactFlash CARDS
MITSUBISHI
ELECTRIC
1
June.2001. Rev. 1.3
8/16-bit Data Bus
CompactFlash Card
Connector Type
Two-piece 50-pin
MF0032M-05AAxx
MF0064M-05AAxx
MF0096M-05AAxx
MF0128M-05AAxx
DESCRIPTION
Mitsubishi’s CompactFlash™ cards provide large
memory capacities on a device approximately the
size of a match box (36.4mm
×42.8mm×3.3mm).
The cards use an 8/16 bit data bus.
Available in 32MB, 64MB, 96MB and 128MB
capacities, Mitsubishi’s CompactFlash cards
conform to the CompactFlash Specification
released from CompactFlash Association.
Using with the 68-pin adapter card, Mitsubishi's
CompactFlash card operates in PC Card
compliant sockets. It conforms to PCMCIA2.1,
JEIDA4.2 and PC Card Standard.
When the OE# signal is asserted low level by the
Host system in power on cycle, the Mitsubishi’s
CompactFlash cards can be selected in a True IDE
interface. It uses the ATA command set so no
software drivers are required.
FEATURES
Single 5V or 3.3V Supply
Card density of up to 128MB maximum
Four PC Card ATA and True IDE modes
Nonvolatile, No Batteries Required
High reliability based on internal ECC function
Fast read/write performance(Target)
<PC Card I/F>
Read:1.5MB/s
Write:850kB/s(64/96/128MB)
Write:450kB/s(32MB)
<TrueIDE I/F PIO=2>
Read:1.8MB/s
Write:1.0MB/s(64/96/128MB)
Write:550kB/s(32MB)
300,000 program/erase cycles
APPLICATIONS
Computers
Digital Camera
Data Communication
Office Automation
Industrial
Consumer
*CompactFlash is a trademarks of SanDisk Corporation.
PRODUCT LIST
Memory capacity
(Bytes)
Data Bus
width(bits)
Memory
Cylinder
Head
Sector
Out line
MF0032M-05AAxx
3,2047,104
256Mbit Flash x 1
489
4
32
MF0064M-05AAxx
64,094,208
256Mbit Flash x 2
978
4
32
MF0096M-05AAxx
96,075,776
256Mbit Flash x 3
733
8
32
MF0128M-05AAxx
128,188,416
8/16
256Mbit Flash x 4
978
8
32
Type I


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MF0032M-04AAXX8/16-bit Data Bus CompactFlash Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF0064M-04BAXX8/16-bit Data Bus CompactFlash Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF007M5-03ATXX8/16-bit Data Bus Flash ATA PC Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF365A-J8CATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF365A-J9CATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF365A-LCDATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF365A-LYCATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF365A-LZCATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF38M1-L6DAGXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF38M1-LCDAGXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn