Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MF0032M-05AAXX Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. MF0032M-05AAXX
Description  8/16-bit Data Bus CompactFlash Card
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF0032M-05AAXX Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  MF0032M-05AAXX Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF0032M-05AAXX Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF0032M-05AAXX Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF0032M-05AAXX Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF0032M-05AAXX Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF0032M-05AAXX Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF0032M-05AAXX Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF0032M-05AAXX Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF0032M-05AAXX Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
MITSUBISHI STORAGE CARD
Preliminary
MF0XXXX-05AAXX series
CompactFlash CARDS
MITSUBISHI
ELECTRIC
3
June.2001. Rev. 1.3
Signal Description
Signal Name
I/O
Pin No.
Description
Address bus[A10-A0]
I
8, 10, 11, 12,
14, 15, 16, 17,
18, 19, 20
Signals A10-A0 are address bus. A0 is invalid in
word mode. A10 is the MSB and A0 is the LSB.
Data bus[D15-D0]
I/O
31, 30, 29, 28,
27, 49, 48, 47,
6, 5, 4, 3, 2,
23, 22, 21
Signals D15-D0 are data bus. D0 is the LSB of the
Even Byte of the Word. D8 is the LSB of the Odd
Byte of the Word.
Card Enable[CE1#, CE2#]
(PC Card Memory Mode)
Card Enable[CE1#, CE2#]
(PC Card I/O Mode)
CE1# and CE2# are low active card select signals.
Chip Select[CS0#, CS1#]
(True IDE Interface)
I
7, 32
In True IDE Interface, CS0# is used to
select the
Command Block Registers. CS1# is used to select
the Control Block Registers.
Output Enable[OE#]
(PC Card Memory Mode)
OE# is used to gate Attribute and Common
Memory Read data from the Card.
Output Enable[OE#]
(PC Card I/O Mode)
OE# is used to gate Attribute Memory Read data
from the Card.
ATA SEL#
(True IDE Interface)
I
9
To enable True IDE
Interface, this input should be
grounded by the host.
Write Enable[WE#]
(PC Card Memory Mode)
WE# is used for strobing Attribute and Common
Memory Write data into the Card.
Write Enable[WE#]
(PC Card I/O Mode)
WE# is used for strobing Attribute Memory Write
data into the Card.
Write Enable[WE#]
(True IDE Interface)
I
36
This input should be connected Vcc by the host.
I/O Read[IORD#]
(PC Card I/O Mode)
I/O Read[IORD#]
(True IDE Interface)
I
34
IORD# is used to read data from the Card?s I/O
space.
I/O Write[IOWR#]
(PC Card I/O Mode)
I/O Write[IOWR#]
(True IDE Interface)
I
35
IOWR# is used to write data to the Card?s I/O
space.
Ready[READY]
(PC Card Memory Mode)
READY signal is set high when the Card is ready to
accept a new data transfer operation.
IREQ#
(PC Card I/O Mode)
This signal of low level is indicates that the card is
requesting software service to host, and high level
indicates that the card is not requesting.
INTRQ
(True IDE Interface)
O
37
This signal is active high interrupt request to the
host.
Card Detection[CD1#, CD2#]
O
26, 25
CD1# and CD2# provided for proper detection of
Card insertion.
Write Protect[WP]
(PC Card Memory Mode)
This signal is held low because this card does not
have a write protect switch.
IOIS16#
(PC Card I/O Mode)
IOCS16#
(True IDE Interface)
O
24
This output signal is asserted when the I/O port
address is capable of 16-bit access.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MF0032M-04AAXX8/16-bit Data Bus CompactFlash Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF0064M-04BAXX8/16-bit Data Bus CompactFlash Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF007M5-03ATXX8/16-bit Data Bus Flash ATA PC Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF365A-J8CATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF365A-J9CATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF365A-LCDATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF365A-LYCATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF365A-LZCATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF38M1-L6DAGXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF38M1-LCDAGXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn