Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY88973V Datasheet(PDF) 2 Page - Micrel Semiconductor

Part No. SY88973V
Description  3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88973V Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY88973V Datasheet HTML 1Page - Micrel Semiconductor SY88973V Datasheet HTML 2Page - Micrel Semiconductor SY88973V Datasheet HTML 3Page - Micrel Semiconductor SY88973V Datasheet HTML 4Page - Micrel Semiconductor SY88973V Datasheet HTML 5Page - Micrel Semiconductor SY88973V Datasheet HTML 6Page - Micrel Semiconductor SY88973V Datasheet HTML 7Page - Micrel Semiconductor SY88973V Datasheet HTML 8Page - Micrel Semiconductor SY88973V Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
SY88973V
Micrel, Inc.
M9999-110905
hbwhelp@micrel.com or (408) 955-1690
FUNCTIONAL BLOCK DIAGRAM
Limiting
Amplifer
CML
Buffer
GND
Level
Detect
/EN
LOS
DIN
/DIN
REF
LOSLVL
DOUT
/DOUT
REF
Generator
OC-TTL
Buffer
50
2.8k
4.75k
VCC
VCC
TTL
Buffer
25k
VCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn