Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM3264-G Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # FM3264-G
Description  Integrated Processor Companion with Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FM3264-G Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button FM3264-G Datasheet HTML 6Page - List of Unclassifed Manufacturers FM3264-G Datasheet HTML 7Page - List of Unclassifed Manufacturers FM3264-G Datasheet HTML 8Page - List of Unclassifed Manufacturers FM3264-G Datasheet HTML 9Page - List of Unclassifed Manufacturers FM3264-G Datasheet HTML 10Page - List of Unclassifed Manufacturers FM3264-G Datasheet HTML 11Page - List of Unclassifed Manufacturers FM3264-G Datasheet HTML 12Page - List of Unclassifed Manufacturers FM3264-G Datasheet HTML 13Page - List of Unclassifed Manufacturers FM3264-G Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
FM3204/16/64/256
Rev 2.1
Dec. 2004
Page 10 of 20
09h
Watchdog Restart & Flags
D7
D6
D5
D4
D3
D2
D1
D0
WTR
POR
LB
-
WR3
WR2
WR1
WR0
WTR
Watchdog Timer Reset Flag: When the /RST signal is activated by the watchdog the WTR bit will be set to 1. It
must be cleared by the user. Note that both WTR and POR could be set if both reset sources have occurred since
the flags were cleared by the user. Battery-backed. Read/Write (internally set, user can clear bit).
POR
Power-on Reset Flag: When the /RST pin is activated by either VDD < VTP or a manual reset, the POR bit will be
set to 1. It must be cleared by the user. Note that both WTR and POR could be set if both reset sources have
occurred since the flags were cleared by the user. Battery-backed. Read/Write (internally set, user can clear bit).
LB
Low Backup Flag: On power up, if the VBAK source is below the minimum voltage to operate the event counters,
this bit will be set to 1. The user should clear it to 0 when initializing the system. Battery-backed. Read/Write
(internally set, user can clear bit).
WR3-0
Watchdog Restart: Writing a pattern 1010b to WR3-0 restarts the watchdog timer. The upper nibble contents do
not affect this operation. Writing any pattern other than 1010b to WR3-0 has no effect on the timer. This allows
users to clear the WTR, POR, and LB flags without affecting the watchdog timer. Write-only.
00-08h
Reserved – DO NOT USE THIS ADDRESS SPACE


Similar Part No. - FM3264-G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM320 RECTRON-FM320 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE RANGE 20 to 100 Volts CURRENT 3.0 Amperes)
logo
Formosa MS
FM320 FORMOSA-FM320 Datasheet
70Kb / 2P
   Silicon epitaxial planer type
logo
SHENZHEN YONGERJIA INDU...
FM320 WINNERJOIN-FM320 Datasheet
87Kb / 2P
   Chip Schottky Barrier Diodes
logo
Formosa MS
FM320-A FORMOSA-FM320-A Datasheet
69Kb / 2P
   Silicon epitaxial planer type
FM320-A FORMOSA-FM320-A Datasheet
68Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Similar Description - FM3264-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
   Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31278 CYPRESS-FM31278 Datasheet
862Kb / 26P
   5V Integrated Processor Companion with Memory
logo
Ramtron International C...
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com