Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D202J52B2ADQF Datasheet(PDF) 1 Page - ITT Industries

Part # D202J52B2ADQF
Description  Miniature Snap-in Power Rocker Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

D202J52B2ADQF Datasheet(HTML) 1 Page - ITT Industries

  D202J52B2ADQF Datasheet HTML 1Page - ITT Industries D202J52B2ADQF Datasheet HTML 2Page - ITT Industries D202J52B2ADQF Datasheet HTML 3Page - ITT Industries D202J52B2ADQF Datasheet HTML 4Page - ITT Industries D202J52B2ADQF Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
C&K D Series
Miniature Snap-in Power Rocker Switches
Features/Benefits
Momentary and maintained models
PC and quick connect terminals
Recessed bracket available — prevents
accidental actuation
RoHS compliant
Typical Applications
Small appliances
Computers and peripherals
Medical instrumentation
Specifications
CONTACT RATING: D10X and D20X Models: 4 AMPS @ 125 V AC;
2 AMPS @ 250 V AC. D50X and D60X Models: 10 AMPS @
125 V AC; 5 AMPS @ 250 V AC.
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
NOTE: For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for standard switches.
For information on specific and custom switches, consult Customer Service Center.
Materials
ACTUATOR & HOUSING: 6/6 nylon (UL 94V-2), color black,
finish: matte.
MOVABLE CONTACTS: D10X and D20X Models: Copper, silver plated.
D50X and D60X Models: Coin silver, silver plated.
STATIONARY CONTACTS AND TERMINALS: Copper or brass,
silver plated.
CONTACT SPRING: Music wire or stainless steel.
OPERATING TEMPERATURE: -30ºC to +65ºC
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages H–62 through H–66. For additional options not shown in catalog, consult Customer Service Center.
Switch Function
D101 SPDT, On-None-On
D102 SPST, On-None-Off
D103 SPDT, On-Off-On
D105 SPDT, Mom.-Off-Mom.
D108 SPDT, Mom.-None-On
D201 DPDT, On-None-On
D202 DPST, On-None-Off
D203 DPDT, On-Off-On
D501 SPDT, On-None-On
D502 SPST, On-None-Off
D503 SPDT, On-Off-On
D508 SPDT, Mom.-None-On
D601 DPDT, On-None-On
D602 DPST, On-None-Off
D608 DPDT, Mom.-None-On
Actuator
J1 Rocker
J5 Lever
Actuator Color
2 Black
1 White
3 Red
Mounting Style/Color
S2 Snap-in, black
B2 Recessed snap-in actuator guard, black
G2 Actuator guard, black
S1 Snap-in, white
Contact Material
QA Silver (UL/CSA)
QF Silver (UL/CSA/VDE)
Terminations
15 Quick connect
A Right angle, PC thru-hole
02 PC Thru-hole
05 Twisted quick connect
06 Extended PC thru-hole
17 Wirable quick connect
Actuator Markings
NONE No marking
D ON-OFF
H O |
N Large dot
P O –
R Red rectangle on end
U Large dot on end
Models Available
H–62


Similar Part No. - D202J52B2ADQF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D202 ETC1-D202 Datasheet
91Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D202 MPD-D202 Datasheet
219Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
C&K Components
D202 CK-COMPONENTS-D202 Datasheet
482Kb / 5P
   Miniature Snap-in Power Rocker Switches
15 May 20
logo
Highly Electric Co., Lt...
D2020 HIGHLY-D2020 Datasheet
1Mb / 4P
   D COMPACT ENCLOSED SWITCH
logo
Littelfuse
D2020L LITTELFUSE-D2020L Datasheet
103Kb / 4P
   Teccor manufactures 15 A rms to 25 A rms rectifiers with voltages rated from 200V to 1000V
More results

Similar Description - D202J52B2ADQF

ManufacturerPart #DatasheetDescription
logo
C&K Components
D501J12S215PQF CK-COMPONENTS-D501J12S215PQF Datasheet
295Kb / 5P
   Miniature Snap-in Power Rocker Switches
D101J12S215DQA CK-COMPONENTS-D101J12S215DQA Datasheet
1Mb / 5P
   Miniature Snap-in Power Rocker Switches
D CK-COMPONENTS-D Datasheet
482Kb / 5P
   Miniature Snap-in Power Rocker Switches
15 May 20
logo
List of Unclassifed Man...
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
logo
Copal Electronics
SLE6 COPAL-SLE6 Datasheet
297Kb / 4P
   Miniature Power Rocker Switches
logo
List of Unclassifed Man...
SLE210K-5 ETC2-SLE210K-5 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
logo
Copal Electronics
SLE10K COPAL-SLE10K Datasheet
217Kb / 2P
   Miniature Power Rocker Switches
SL10K COPAL-SL10K Datasheet
221Kb / 2P
   Miniature Power Rocker Switches
SLE210K COPAL-SLE210K Datasheet
331Kb / 3P
   Miniature Power Rocker Switches
logo
C&K Components
DT12J11RS215DQA7 CK-COMPONENTS-DT12J11RS215DQA7 Datasheet
239Kb / 4P
   Miniature Power Rocker Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com