Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MF00L1NZQD Datasheet(PDF) 3 Page - ITT Industries

Part No. MF00L1NZQD
Description  Half-inch Rotary Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MF00L1NZQD Datasheet(HTML) 3 Page - ITT Industries

  MF00L1NZQD Datasheet HTML 1Page - ITT Industries MF00L1NZQD Datasheet HTML 2Page - ITT Industries MF00L1NZQD Datasheet HTML 3Page - ITT Industries MF00L1NZQD Datasheet HTML 4Page - ITT Industries MF00L1NZQD Datasheet HTML 5Page - ITT Industries MF00L1NZQD Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
L–14
L
C&K M Series
Half-inch Rotary Switches
ACTUATOR (ZINC ALLOY)
ACTUATOR (STAINLESS STEEL)
L3
.650" LONG, ROUND
L2
SCREWDRIVER SLOT, FLUSH
L1
.650" LONG, FLATTED
S6
.785" LONG, SLOT
S3
.650" LONG, ROUND
S2
SCREWDRIVER SLOT, FLUSH
S1
.650" LONG, FLATTED
All actuators shown in pos. 1
All actuators shown in pos. 1
All models UL/CSA when ordered with stainless steel actuators.
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
KC13B7.002NLS ROTARY SWITCHES 1  2  3  E-SWITCH
EC204B020A Molded Printed Wiring Rotary Switches 1  2  3  4  List of Unclassifed Manufacturers
A6R Low-cost Rotary DIP Switches 1  2  3  4  Omron Electronics LLC
A10015RNZQ 1-4 Pole Rotary Switches 1  2  3  4  5  ITT Industries
H20307RR05Q Power ROTA-SLIDE Rotary Switches 1  2  3  ITT Industries
CD08RM0AK 8mm DIP Coded Rotary Switches 1  2  3  4  ITT Industries
CRD10RM0AK 10mm DIP Coded Rotary Switches 1  2  3  4  ITT Industries
FA0515RN02Q Miniature ROTA-SLIDE Rotary Switches 1  2  3  4  ITT Industries
7829 6 mm Through-hole Sealed Rotary Switch 1  Bourns Electronic Solutions
LF11331 Quad SPST JFET Analog Switches 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn