Electronic Components Datasheet Search |
|
RMDB1-25SH001P Datasheet(PDF) 5 Page - ITT Industries |
|
RMDB1-25SH001P Datasheet(HTML) 5 Page - ITT Industries |
5 / 11 page 32 www.ittcannon.com Dimensions shown in inch (mm) Micro-D Plastic Shell - .050" Contact Spacing MDB Coaxial MDB Coaxial Series with Screw Mounting Holes MDB connectors with two coaxial and five MICRO- PINTM /MICROSOCKETTM contacts. Crimp-type coaxial contacts accommodate RG-178/U cables. A plastic insertion/extraction tool is supplied with each connec- tor assembly having removable coaxial assembly. How to Order - MDB Coaxial SERIES MDB 1 -7 C2 * * * * S HK SERIES Micro-D Coaxial No Letter - Coaxial assembly installed and nonremovable RO - coaxial assembly ordered serparately RA - Coaxial shipped assembled but uninstalled See Standard Wire Termination Consult customer service No letter - No hardware * Not available with removalbe coax cable type connectors RO and RA. standard mounting. 091 (2.31) hole diameter F - Float K - Jackscrew (standard) L - Jackscrew (low profile) P - Jackpost Code on page 29. Coaxial cable will be RG-178U unless otherwise specified; length will be same as wire modification. P - Pin S - Socket L - Uninsulated, solid wire H - Insulated, solid or stranded S -Solder pot* 1 - .050 (1.27) centers . . . . . . . . . . . . . . . . . . .7 . . . . . . . . . . . . . . . . . . . . . 2 SIGNAL CONTACT SPACING TOTAL CONTACT CAVITIES NUMBER OF COAXIALS SIGNAL CONTACT SPACING TOTAL CONTACT CAVITIES NUMBER OF COAXIALS COAXIAL TYPE COAXIAL TYPE SIGNAL CONTACT TYPE SIGNAL CONTACT TYPE SIGNAL CONTACT LEAD TYPE SIGNAL CONTACT LEAD TYPE SIGNAL CONTACT LEAD LENGTH SIGNAL CONTACT LEAD LENGTH MODIFICATION HARDWARE MODIFICATION HARDWARE RoHS COMPLIANCE R How to Order - Coaxial Cable Assemblies SERIES MD CC S * * * * COAXIAL CABLE CONTACT TYPE CONTACT TYPE COAXIAL CABLE TYPE COAXIAL CABLE TYPE COAXIAL CABLE LENGTH COAXIAL CABLE LENGTH SERIES MD P - Pin (used with socket side connection) S - Socket (used with pin type connection) See Standard Wire Termination Codes on page 29. Coaxial cable will be RG-178U unless otherwise specified; length will be the same as wire modfication. 1 - RG178/U COAXIAL CABLE CC RoHS COMPLIANCE R |
Similar Part No. - RMDB1-25SH001P |
|
Similar Description - RMDB1-25SH001P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |