Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E213MF1V3BE Datasheet(PDF) 6 Page - ITT Industries

Part # E213MF1V3BE
Description  Sealed Miniature Toggle Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

E213MF1V3BE Datasheet(HTML) 6 Page - ITT Industries

  E213MF1V3BE Datasheet HTML 1Page - ITT Industries E213MF1V3BE Datasheet HTML 2Page - ITT Industries E213MF1V3BE Datasheet HTML 3Page - ITT Industries E213MF1V3BE Datasheet HTML 4Page - ITT Industries E213MF1V3BE Datasheet HTML 5Page - ITT Industries E213MF1V3BE Datasheet HTML 6Page - ITT Industries E213MF1V3BE Datasheet HTML 7Page - ITT Industries E213MF1V3BE Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
G–27
G
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K E Series
Sealed Miniature Toggle Switches
TERMINATIONS
Actuator Shown In Pos. 1
SECTION A-A
PC MOUNTING
Actuator Shown In Pos. 1
SNAP-IN
PC MOUNTING
Actuator Shown In Pos. 1
SNAP-IN
PC MOUNTING
AV2
VERTICAL RIGHT ANGLE, PC THRU-HOLE,
.150" PITCH
AV3
VERTICAL RIGHT ANGLE, SNAP-IN, PC THRU-HOLE
.150" PITCH
V6
VERTICAL MOUNT, V-BRACKET
V61
VERTICAL MOUNT, V-BRACKET, SNAP-IN
V6
VERTICAL MOUNT, V-BRACKET
V61
VERTICAL MOUNT, V-BRACKET, SNAP-IN
Not available with D9 & Y bushings.
Terminal bend radii and lead-in manufacturing option.
Not available with Y bushing.
Not available with Y bushing.
V6, V61
.460 (11,68)
DIM ‘A’
OPTION
CODE
E301MD1AV2BE
Vertical Actuation
3PDT
E201MD1__BE
DPDT
E101MD1__BE
SPDT
V6, V61
.460 (11,68)
DIM ‘A’
OPTION
CODE


Similar Part No. - E213MF1V3BE

ManufacturerPart #DatasheetDescription
logo
C&K Components
E213MF1V9BE CK-COMPONENTS-E213MF1V9BE Datasheet
610Kb / 8P
   E Series Sealed Miniature Toggle Switches
E213MF1V9GE CK-COMPONENTS-E213MF1V9GE Datasheet
610Kb / 8P
   E Series Sealed Miniature Toggle Switches
E213MF1V9PE CK-COMPONENTS-E213MF1V9PE Datasheet
610Kb / 8P
   E Series Sealed Miniature Toggle Switches
E213MF1V9QE CK-COMPONENTS-E213MF1V9QE Datasheet
610Kb / 8P
   E Series Sealed Miniature Toggle Switches
E213MF1V9RE CK-COMPONENTS-E213MF1V9RE Datasheet
610Kb / 8P
   E Series Sealed Miniature Toggle Switches
More results

Similar Description - E213MF1V3BE

ManufacturerPart #DatasheetDescription
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
logo
Grayhill, Inc
34BWSP12B4M2RT GRAYHILL-34BWSP12B4M2RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
logo
C&K Components
E107MD1AV2BE CK-COMPONENTS-E107MD1AV2BE Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E105SD1CBE CK-COMPONENTS-E105SD1CBE Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
logo
GREATECS
TK21 GREATECS-TK21 Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A Datasheet
290Kb / 4P
   PROCESS SEALED MINIATURE TOGGLE SWITCHES
logo
GREATECS
STS1A2B1MTAGER GREATECS-STS1A2B1MTAGER Datasheet
175Kb / 1P
   Sub-Miniature Sealed SMT Toggle Switches
TK41 GREATECS-TK41 Datasheet
176Kb / 3P
   Sealed Sub-Miniature SPDT Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com