Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMDB1-15SH001P Datasheet(PDF) 8 Page - ITT Industries

Part # RMDB1-15SH001P
Description  Micro-D Plastic Shell - .050 Contact Spacing
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RMDB1-15SH001P Datasheet(HTML) 8 Page - ITT Industries

Back Button RMDB1-15SH001P Datasheet HTML 3Page - ITT Industries RMDB1-15SH001P Datasheet HTML 4Page - ITT Industries RMDB1-15SH001P Datasheet HTML 5Page - ITT Industries RMDB1-15SH001P Datasheet HTML 6Page - ITT Industries RMDB1-15SH001P Datasheet HTML 7Page - ITT Industries RMDB1-15SH001P Datasheet HTML 8Page - ITT Industries RMDB1-15SH001P Datasheet HTML 9Page - ITT Industries RMDB1-15SH001P Datasheet HTML 10Page - ITT Industries RMDB1-15SH001P Datasheet HTML 11Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Micro-D Plastic Shell - .050" Contact Spacing
MD
Mounting Hardware to Military Specification (Sizes 9 - 51) PER MIL-DTL-83513/5
This hardware supplied unassembled.
#2-56 UNC-2A
THREAD TYP.
.361 (9.17)
MAX.
PLUG (REF. WITH
.092 (2.34) DIA.
MOUNTING HOLES
POTTING WELL (REF.)
.010 (0.25)
TH'K (REF.)
Jackscrew - (L) Low profile *
.062 (1.57)
HEX. (REF.)
.010 (0.25)
TH'K (REF.)
#2-56 UNC-2A
THREAD TYP.
PLUG (REF.) WITH
.092 (2.34) DIA.
MOUNTING HOLES
POTTING WELL
(REF.)
Allen head
Optional Head Configuration
Plug and Receptacle
Low and High Profile
Jackscrew - (K) High Profile
Slotted Head
Jackpost Assembly
Description
Slotted Head Jackscrew Assy Low Profile
Slotted Head Jackscrew Assy High Profile
Allen Head Jackscrew Assy Low Profile
Allen Head Jackscrew Assy High Profile
Jackpost Assy
-05
-06
-02
-03
-07
M5
M6
M2
M3
M7
320-9508-025
320-9508-027
320-9508-026
320-9508-028
320-9505-033
M83513/5
Mode Code
Part Number
.125 (3.18) HEX
#2-56 UNC-2B Thread
.190 (4.83)
+_ .185 (4.70)
.062 (1.57)
± .010 (0.25)
.475 (12.06)
± 0.25 (0.64)
LOCK WASHER
RETAINING NUT
.154 (3.91) HEX.
# 2-56 UNC-2A
Thread
Jackpost Bushing (For Rear Panel Mounting)
++
#2-56 UNC
2A THD
#2-56 UNC 2B THD
MATING FACE
.126 (3.20)
.125 (3.18)
DIA.TYP.
27˚/26˚TYP
C
.075 (1.91)
+ .005 (0.13)
- .000 (0.00)
R TYP.
A
B
.170 (4.32)
.185 (4.70)
.500 (12.7)
.480 (12.19)
A
HEX IS .135 (3.431/.115 (2.92) ACROSS FLATS
3/32 (2.4)
1/16 (1.6)
3/64 (1.2)
1/32 (0.8)
.092/.087 (2.34/2.21)
.061/.056 (2.34/1.42)
.047/.042 (1.19/1.07)
.030/.025 (0.76/0.64)
320-9505-007
320-9505-006
320-9505-005
320-9505-004
9
15
21
25
31
37
51
.379 ( 9.63)
.529 (13.44)
.679 (17.25)
.779 (19.79)
.929 (23.60)
1.079 (27.41)
1.029 (26.14)
.219 (5.56)
.219 (5.56)
.219 (5.56)
.219 (5.56)
.219 (5.56)
.219 (5.56)
.261 (6.63)
.565 (14.35)
.715 (18.16)
.865 (21.97)
.965 (24.51)
1.115 (28.32)
1.265 (32.13)
1.215 (30.86)
*2 Jackposts, 2 nuts, 2 washers.
Panel
Thickness
A
Dim.
Jackpost Kit
Number*
A
+.004 (0.10)
-.000 (0.00)
Shell Size
Plug and Receptacle Dimensions
B
+.004 (0.10)
-.000 (0.00)
C
+
_.005 (0.13)
NOTE: Torque value for jackpost 2.5 in/lbs
Panel Mounting Dimensions
.200 ±.005
(5.08 ±0.13)
Plug and Receptacle
Rear Mounted
Plug and Receptacle
Front Mounted
Plug Front Mounted
Receptacle Rear Mounted
.395 ±.005
(10.03 ±0.13)
.300 ±.005
(7.62 ±0.13)
35
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change


Similar Part No. - RMDB1-15SH001P

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RMD-10V102MG10U-R2 TAIYO-YUDEN-RMD-10V102MG10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V102MG10UQ-R2 TAIYO-YUDEN-RMD-10V102MG10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10U-R2 TAIYO-YUDEN-RMD-10V152MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10UQ-R2 TAIYO-YUDEN-RMD-10V152MH10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-16V102MH10U-R2 TAIYO-YUDEN-RMD-16V102MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
More results

Similar Description - RMDB1-15SH001P

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
015-9516-002 ITT-015-9516-002 Datasheet
385Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM ITT-MDM Datasheet
321Kb / 8P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDM-9PL1P ITT-MDM-9PL1P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
025-9524-000 ITT-025-9524-000 Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
List of Unclassifed Man...
MDM-37PH003B ETC2-MDM-37PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM-51PH001P ETC2-MDM-51PH001P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
Glenair, Inc.
MWDL-9P-4K1-18 GLENAIR-MWDL-9P-4K1-18 Datasheet
391Kb / 2P
   Micro-D Plastic Shell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com