Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145193F Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC145193F
Description  1.1 GHZ PLL FREQUENCY SYNTHESIZER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145193F Datasheet(HTML) 4 Page - Motorola, Inc

  MC145193F Datasheet HTML 1Page - Motorola, Inc MC145193F Datasheet HTML 2Page - Motorola, Inc MC145193F Datasheet HTML 3Page - Motorola, Inc MC145193F Datasheet HTML 4Page - Motorola, Inc MC145193F Datasheet HTML 5Page - Motorola, Inc MC145193F Datasheet HTML 6Page - Motorola, Inc MC145193F Datasheet HTML 7Page - Motorola, Inc MC145193F Datasheet HTML 8Page - Motorola, Inc MC145193F Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MC145193
4
MOTOROLA WIRELESS SEMICONDUCTOR
SOLUTIONS – RF AND IF DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued)
Parameter
Test Condition
Symbol
Guaranteed
Limit
Unit
Maximum Input Leakage Current
(Din, CLK, ENB, REFin)
Vin = VDD or Gnd, Device in XTAL Mode
Iin
±1.0
µA
Maximum Input Current
(REFin)
Vin = VDD or Gnd, Device in Reference Mode
Iin
±100
µA
Maximum Output Leakage Current (PDout) Vout = VPD or Gnd, Output in Floating State
IOZ
±130
nA
(Output B)
Vout = VPD or Gnd, Output in High–Impedance State
±1
µA
Maximum Standby Supply Current
(VDD + VPD Pins)
Vin = VDD or Gnd; Outputs Open; Device in Standby Mode,
Shut–Down Crystal Mode or REFout–Static–Low Reference
Mode; Output B Controlling VCC per Figure 21
ISTBY
30
µA
Maximum Phase Detector
Quiescent Current (VPD Pin)
Bit C6 = High Which Selects Phase Detector A,
PDout = Open, PDout = Static State, Bit C4 = Low Which is
not Standby, IRx = 170 µA, VPD = 5.5 V
IPD
750
µA
Bit C6 = Low Which Selects Phase Detector B,
φR and
φV = Open, φR and φV = Static Low or High, Bit
C4 = Low Which is
not Standby
30
Total Operating Supply Current
(VDD + VPD + VCC Pins)
fin = 2.0 GHz; REFin = 13 MHz @ 1 Vpp;
Output A = Inactive and No Connect; VDD = VCC,
REFout, φV, φR, PDout, LD = No Connect;
Din, ENB, CLK = VDD or Gnd, Phase Detector B Selected
(Bit C6 = Low)
IT
[Note]
mA
NOTE:
The nominal value is: 3 mA at VDD = VCC = VPD = 3.0 V. This is not a guaranteed limit.
ANALOG CHARACTERISTICS — CURRENT SOURCE/SINK OUTPUT — PDout
(Iout ≤ 1 mA @ VDD = 2.7 V and Iout ≤ 1.7mA @ VDD ≥ 4.5 V, VDD = VCC = 2.7 to 5.5 V, Voltages Referenced to Gnd)
Parameter
Test Condition
VPD
Guaranteed
Limit
Unit
Maximum Source Current Variation (Part–to–Part)
Vout = 0.5 x VPD
2.7
±15
%
4.5
±15
5.5
±15
Maximum Sink–vs–Source Mismatch [Note 3]
Vout = 0.5 x VPD
2.7
11
%
4.5
11
5.5
11
Output Voltage Range [Note 3]
Iout Variation ≤ 15%
2.7
0.5 to 2.2
V
Iout Variation ≤ 20%
4.5
0.5 to 3.7
Iout Variation ≤ 22%
5.5
0.5 to 4.7
NOTES: 1. Percentages calculated using the following formula: (Maximum Value – Minimum Value)/Maximum Value.
2. See Rx Pin Description for external resistor values.
3. This parameter is guaranteed for a given temperature within –40 to 85
°C.


Similar Part No. - MC145193F

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145190DT MOTOROLA-MC145190DT Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145190F MOTOROLA-MC145190F Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145191DT MOTOROLA-MC145191DT Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145191F MOTOROLA-MC145191F Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
More results

Similar Description - MC145193F

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15U10 FUJITSU-MB15U10 Datasheet
350Kb / 19P
   Dual Serial Input PLL Frequency Synthesizer On-Chip 1.1 GHz Prescaler
logo
Toshiba Semiconductor
TB31242FN TOSHIBA-TB31242FN Datasheet
374Kb / 10P
   1.8 GHZ SINGLE PLL FREQUENCY SYNTHESIZER
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com