Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145193 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC145193
Description  1.1 GHZ PLL FREQUENCY SYNTHESIZER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145193 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC145193 Datasheet HTML 3Page - Motorola, Inc MC145193 Datasheet HTML 4Page - Motorola, Inc MC145193 Datasheet HTML 5Page - Motorola, Inc MC145193 Datasheet HTML 6Page - Motorola, Inc MC145193 Datasheet HTML 7Page - Motorola, Inc MC145193 Datasheet HTML 8Page - Motorola, Inc MC145193 Datasheet HTML 9Page - Motorola, Inc MC145193 Datasheet HTML 10Page - Motorola, Inc MC145193 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
MC145193
7
MOTOROLA WIRELESS SEMICONDUCTOR
SOLUTIONS – RF AND IF DEVICE DATA
LOOP SPECIFICATIONS (VDD = VCC = 2.7 to 5.5 V unless otherwise indicated, TA = –40 to 85°C)
Fig.
Guaranteed
Operating
Range
Parameter
Test Condition
Fig.
No.
Symbol
Min
Max
Unit
Input Sensitivity Range, fin
100 MHz
≤ fin ≤ 1100 MHz
7
Pin
– 10
4
dBm*
Input Frequency, REFin Externally Driven in
Reference Mode
Vin ≥ 400 mVpp
2.7
≤ VDD < 4.5 V
4.5
≤ VDD ≤ 5.5 V
8
fref
1.5
1.5
20
30
MHz
Crystal Frequency, Crystal Mode
C1
≤ 30 pF, C2 ≤ 30 pF, Includes Stray
Capacitance
9
fXTAL
2
15
MHz
Output Frequency, REFout
CL = 20 pF, Vout ≥ 1 Vpp
10, 12
fout
dc
10
MHz
Operating Frequency of the Phase Detectors
f
φ
dc
2
MHz
Output Pulse Width (
φR, φV, and LD)
fR in Phase with fV, CL = 20 pF, φR and φV
active for LD measurement, **
VPD = 2.7 to 5.5 V
VDD = 2.7 V
VDD = 4.5 V
VDD = 5.5 V
11, 12
tw
40
18
14
120
60
50
ns
Output Transition Times (LD,
φV, and φR)
CL = 20 pF, VPD = 2.7 V,
VDD = VCC = 2.7 V
11, 12
tTLH,
tTHL
80
ns
Input Capacitance, REFin
Cin
7
pF
* Power level at the input to the dc block.
** When PDout is active, LD minimum pulse width is approximately 5 ns.
Figure 7. Test Circuit
Sine Wave
Generator
50
Device
Under
Test
0.01
µF
Test
Point
VCC
VDD
REFin
Gnd
Output A
Vin
Figure 8. Test Circuit — Reference Mode
(fR)
Test
Point
REFout
V+
Device Under
Test
C1
Test
Point
VCC
VDD
Output A
Gnd
REFin
REFout
C2
Figure 9. Test Circuit — Crystal Mode
(fR)
V+
50%
REFout
1 / f REFout
Figure 10. Switching Waveform
10%
90%
Output
tTLH
tTHL
Figure 11. Switching Waveform
50%
tw
Figure 12. Test Circuit
DC
Block
50
Ω PAD
Sine Wave
Generator
50
VCC
VDD
Gnd
V+
Test
Point
Output A
(fV)
Device
Under
Test
fin
fin
NOTE: Alternately, the 50
Ω pad may be a T network.
Test Point
Device
Under
Test
CL*
* Includes all probe and fixture capacitance.


Similar Part No. - MC145193

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145190DT MOTOROLA-MC145190DT Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145190F MOTOROLA-MC145190F Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145191DT MOTOROLA-MC145191DT Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145191F MOTOROLA-MC145191F Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
More results

Similar Description - MC145193

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15U10 FUJITSU-MB15U10 Datasheet
350Kb / 19P
   Dual Serial Input PLL Frequency Synthesizer On-Chip 1.1 GHz Prescaler
logo
Toshiba Semiconductor
TB31242FN TOSHIBA-TB31242FN Datasheet
374Kb / 10P
   1.8 GHZ SINGLE PLL FREQUENCY SYNTHESIZER
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com