Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMDM-C215SH001B Datasheet(PDF) 2 Page - ITT Industries

Part # TMDM-C215SH001B
Description  Microminiature Connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TMDM-C215SH001B Datasheet(HTML) 2 Page - ITT Industries

  TMDM-C215SH001B Datasheet HTML 1Page - ITT Industries TMDM-C215SH001B Datasheet HTML 2Page - ITT Industries TMDM-C215SH001B Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Microminiature Connectors
Filter-TMDM
Standard Wire Termination Codes
26
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Guaranteed Minimum Attenuation
Filter
Capacitance
Minimum Insertion Loss-decibels
designation
range (pF)
10 MHz
15 MHz
30 MHz
50 MHz
100 MHz
200 MHz
500 MHz
1 GHz
C1
150 - 250
4
6
15
20
35
C2
300 - 500
3
6
12
18
25
40
C3
700 - 1000
3
7
13
17
25
38
48
C4
1300 - 2000
5
8
13
18
23
30
40
50
Harness Type (H) #26 AWG per
MIL-W-16878/4 Type E Teflon, stranded
Length
All Yellow
Color Coded
3
(76.2)
H020
H027
6
(152.4)
H019
H016
8
(203.2)
H026
H034
10
(254.0)
H029
H025
12
(304.8)
H028
H002
18
(457.2)
H001
H003
20
(508.0)
H038
H023
24
(509.6)
H009
H004
30
(762.0)
H010
H005
36
(914.4)
H011
H006
48 (1219.2)
H013
H048
72 (1828.8)
H017
H046
120 (3048.0)
H042
H041
Solid Uninsulated Type (L)
#25 AWG gold plated copper.
Code
Length
L61
.125
(.18)
L56
.150
(3.81)
L57
.190
(4.83)
L39
.250
(5.35)
L58
.375
(9.52)
L1
.500 (12.70)
L14
.750 (19.05)
L2
1.000 (25.40)
L7
1.500 (38.10)
L6
2.000 (50.80)
L6
2.500 (63.50)
L10
3.000 (76.20)
Shell Dimensions
*.750 max for pre-wired versions (H modifier above)
Part Number
A
B
C
D
E
F max
G
by shell size
max
max
max
max
max
±0,13 (.005)
max
MDMT-9S*
.785 (19,94)
.400 (10,16)
.400 (10,16)
.270 (6,86)
.308 (7,83)
.565 (14,36)
.251 (6,38)
MDMT-15S*
.935 (23,75)
.550 (13,97)
.550 (13,97)
.270 (6,86)
.308 (7,83)
.715 (18,17)
.251 (6,38)
MDMT-21S*
1.085 (27,60)
.700 (17,78)
.700 (17,78)
.270 (6,86)
.308 (7,83)
.865 (21,98)
.251 (6,38)
MDMT-25S*
1.185 (30,10)
.800 (20,32)
.800 (20,32)
.270 (6,86)
.308 (7,83)
.965 (24,52)
.251 (6,38)
MDMT-31S*
1.335 (33,90)
.950 (24,13)
.950 (24,13)
.270 (6,86)
.308 (7,83)
1.115 (28,30)
.251 (6,38)
MDMT-37S*
1.485 (37,70)
1.100 (28,00)
1.100 (28,00)
.270 (6,86)
.308 (7,83)
1.265 (32,20)
.251 (6,38)
Cannon Modification Codes – (Not Mil Spec)
The following termination codes are listed for your information. For additional codes
please refer to Appendix on page 79 and 81. All wire lengths are minimum.
5,06
(.199)
MAX
7,60
(.299)
MAX
10,90
(.500)*
MAX
E
A
B
F
C
2 HOLES
Ø2,32 (.091)
± 0,08 (.003)
G
D


Similar Part No. - TMDM-C215SH001B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMD000510 TI1-TMD000510 Datasheet
661Kb / 44P
[Old version datasheet]   Powerful 16-Bit TMS320C511A CPU
logo
Toshiba Semiconductor
TMD0305-2 TOSHIBA-TMD0305-2 Datasheet
73Kb / 2P
   MICROWAVE POWER MMIC AMPLIFIER
TMD0507-2A TOSHIBA-TMD0507-2A Datasheet
100Kb / 2P
   MICROWAVE POWER MMIC AMPLIFIER
TMD0507-2A TOSHIBA-TMD0507-2A Datasheet
100Kb / 3P
   MICROWAVE POWER MMIC AMPLIFIER
TMD0507-2A TOSHIBA-TMD0507-2A_07 Datasheet
100Kb / 3P
   MICROWAVE POWER MMIC AMPLIFIER
More results

Similar Description - TMDM-C215SH001B

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDMH-51SS ITT-MDMH-51SS Datasheet
101Kb / 2P
   Microminiature Connectors
logo
Molex Electronics Ltd.
73415-0971 MOLEX2-73415-0971 Datasheet
493Kb / 4P
   MMCX Microminiature Connectors
logo
Hirose Electric
HR25 HIROSE-HR25 Datasheet
948Kb / 8P
   High Performance, Microminiature Circular Connectors
logo
C&K Components
3401-029 CK-COMPONENTS-3401-029 Datasheet
400Kb / 20P
   3401-029 Microminiature MDM Connectors
340107701B9PYFO CK-COMPONENTS-340107701B9PYFO Datasheet
1Mb / 6P
   MDMA - Connectors, Electrical, Rectangular, Microminiature
340103102B12PFR116D1-4 CK-COMPONENTS-340103102B12PFR116D1-4 Datasheet
1Mb / 19P
   Microminiature Connectors Type MTB1 Space
MDMB CK-COMPONENTS-MDMB Datasheet
1Mb / 8P
   Microminiature connectors with removable crimp contacts
MDMA CK-COMPONENTS-MDMA Datasheet
3Mb / 8P
   Microminiature connectors with removable crimp contacts
logo
Hirose Electric
3260-8S1 HIROSE-3260-8S1 Datasheet
145Kb / 4P
   3200 SERIES SMT CONNECTORS FOR MICROMINIATURE INTERFACES
SR38-4P-3P HIROSE-SR38-4P-3P Datasheet
134Kb / 4P
   MICROMINIATURE HIGH-PERFORMANCE MODEL SR38 CIRCULAR CONNECTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com