Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN27C01090PI Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # EN27C01090PI
Description  EN27C010 1Megabit EPROM (128K x 8)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EN27C01090PI Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button EN27C01090PI Datasheet HTML 4Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 5Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 6Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 7Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 8Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 9Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 10Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 11Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
EN27C010
4800 Great America Parkway Ste 202
Tel: 408-235-8680
Santa Clara, CA. 95054
Fax: 408-235-8685
10
FIGURE 7. OUTPUT TEST WAVEFORMS AND MEASUREMENTS
AC
DRIVING
LEVELS
AC
MEASUREMENT
LEVEL
3.0V
1.5V
0.0V
tR, tF < 5 ns (10% to 90%)
AC
DRIVING
LEVELS
AC
MEASUREMENT
LEVEL
OUTPUT
PIN
Note: CL = 100pF including
jig capacitance, except for the
-45 and -55 devices, where
CL = 30pF.
1.3V
(1N914)
3.3K
CL
2.4V
0.8
2.0
0.45V
tR, tF < 20 ns (10% to 90%)
45 and 55 devices:
Output Test Load
70 and 90 devices:
DC PROGRAMMING CHARACTERISTICS
Test
Limits
Symbol
Parameter
Conditions
Min.
Max
Units
ILI
Input Load Current
VIN = VIL, VIH
5.0
µA
VIL
Input Low Level
-0.5
0.8
V
VIH
Input High Level
0.7 VCC
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.45
V
VOH
Output High Voltage
IOH = -400
µA
2.4
V
ICC2
VCC Supply Current
40
mA
IPP2
VPP Supply Current
CE = PGM = VIL,
10
mA
VID
A9 Product Identification Voltage
11.5
12.5
V


Similar Part No. - EN27C01090PI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN27C512 ETC-EN27C512 Datasheet
106Kb / 12P
   512KBIT EPROM (64K x 8)
EN27C51245I ETC-EN27C51245I Datasheet
106Kb / 12P
   512KBIT EPROM (64K x 8)
EN27C51245II ETC-EN27C51245II Datasheet
106Kb / 12P
   512KBIT EPROM (64K x 8)
EN27C51245J ETC-EN27C51245J Datasheet
106Kb / 12P
   512KBIT EPROM (64K x 8)
EN27C51245JI ETC-EN27C51245JI Datasheet
106Kb / 12P
   512KBIT EPROM (64K x 8)
More results

Similar Description - EN27C01090PI

ManufacturerPart #DatasheetDescription
logo
Winbond
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
logo
STMicroelectronics
WS27C010L STMICROELECTRONICS-WS27C010L Datasheet
48Kb / 5P
   Military 128K x 8 CMOS EPROM
logo
Microchip Technology
27C128 MICROCHIP-27C128_04 Datasheet
146Kb / 10P
   128K (16K x 8) CMOS EPROM
2004
27C128 MICROCHIP-27C128 Datasheet
62Kb / 12P
   128K (16K x 8) CMOS EPROM
1996
logo
Winbond
W27L01 WINBOND-W27L01 Datasheet
244Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
logo
STMicroelectronics
M27128A STMICROELECTRONICS-M27128A Datasheet
107Kb / 10P
   NMOS 128K 16K x 8 UV EPROM
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com