Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LP22C21T203Q Datasheet(PDF) 3 Page - ITT Industries

Part No. LP22C21T203Q
Description  Miniature Snap-in Slide Switches
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ITT [ITT Industries]
Homepage  http://www.ittcannon.com
Logo ITT - ITT Industries

LP22C21T203Q Datasheet(HTML) 3 Page - ITT Industries

  LP22C21T203Q Datasheet HTML 1Page - ITT Industries LP22C21T203Q Datasheet HTML 2Page - ITT Industries LP22C21T203Q Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
J–26
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
J
C&K LP Series
Miniature Snap-in Slide Switches
TERMINATIONS
HOUSING MARKINGS
CONTACT MATERIAL
D
ON-OFF
NONE
NO MARKINGS
03
SOLDER LUG WITH HOLE
1 CONTACTS & TERMINALS: Copper, with gold plate over nickel plate.
2 CONTACTS & TERMINALS: Copper, silver plated (standard with all termination options).
3 CONTACTS & TERMINALS: Copper, with gold plate over nickel plate over silver plate.
Orientation of actuator
and terminals.
NOTE: Housing markings are available with ‘T2’ mounting style only. The marking color
on all housings with marking options ‘D’ is white, standard. Other marking colors are
available, consult Customer Service Center.
All models
with all when ordered with ‘Q’ contact material.
NOTE: Any models supplied with Q or B contact material are RoHS com-
pliant. For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
0.4 VA MAX. @20 V AC OR DC MAX.
LP0X, LP2X MODELS: 6 AMPS @ 125 V AC or 28 V DC;
3 AMPS @ 250 V AC (UL/CSA).
LP7X, LP8X MODELS: 11 AMPS @ 125/250 V AC (UL/CSA).
LOW LEVEL/DRY
CIRCUIT
POWER
GOLD 1
SILVER 2
OPTION
CODE
RATINGS
CONTACT
MATERIAL
Q
B
RoHS
COMPLIANT
RoHS
COMPLIANT
YES
YES
YES
YES


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
D101J12S215QAMiniature Snap-in Power Rocker Switches 1 2 3 4 5 ITT Industries
1000Miniature Slide Switches 1 2 3 4 5 MoreITT Industries
ES01MCBESealed Tiny Slide Switches 1 2 3 4 ITT Industries
E101J1ABE22Sealed Miniature Rocker and Lever Handle Switches 1 2 3 4 5 MoreITT Industries
E101MD1ABESealed Miniature Toggle Switches 1 2 3 4 5 MoreITT Industries
GS01MCBESealed Ultraminiature Slide Switches 1 2 ITT Industries
MMGGD1P0CMiniature Subminiature Precision Snap-acting Switches 1 2 3 ITT Industries
S101031SS03QSlide Switches 1 2 3 4 5 MoreList of Unclassifed Manufacturers
3P0210000Miniature Pushwheel Switches 1 2 3 4 5 MoreList of Unclassifed Manufacturers
FA0515RN02QMiniature ROTA-SLIDE Rotary Switches 1 2 3 4 ITT Industries

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn