Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MB88154 Datasheet(PDF) 15 Page - Fujitsu Component Limited.

Part No. MB88154
Description  Spread Spectrum Clock Generator
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB88154 Datasheet(HTML) 15 Page - Fujitsu Component Limited.

 
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
MB88154
15
■ EXAMPLE CHARACTERISTICS
The condition of the examples of the characteristic is shown as follows: Input frequency
= 20 MHz (Output
frequency
= 20 MHz : Using MB88154-113), Power - supply voltage = 3.3 V, None load capacity.
Modulation rate
= ± 1.5% (center spread)
Spectrum analyzer HP4396B is connected with CKOUT. The result of the measurement with RBW
= 1 kHz (ATT
use for
− 6dB).
CH B Spectrum
10 dB /REF 0 dBm
Avg
4
RBW# 1 kHZ
VBW 1 kHZ
ATT 6 dB
CENTER 20 MHZ
SWP 2.505 s
SPAN 4 MHZ
No modulation
−6.18 dBm
modulation
± 1.5 %
−26.03 dBm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn