Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MB88154 Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part No. MB88154
Description  Spread Spectrum Clock Generator
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB88154 Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MB88154
10
■ OUTPUT CLOCK DUTY CYCLE (tDCC, tDCR
= tb/ta)
■ INPUT FREQUENCY (fin
= 1/tin)
■ OUTPUT SLEW RATE (SR)
■ CYCLE-CYCLE JITTER (tJC
= | tn − tn + 1 |)
CKOUT,
REFOUT
1.5 V
ta
tb
0.8 VDD
tin
XIN
2.4 V
0.4 V
tf
tr
CKOUT,
REFOUT
Note : SR
= (2.4−0.4) /tr, SR = (2.4−0.4) /tf
tn+1
tn
CKOUT
Note : Cycle-cycle jitter is defined the difference between a certain cycle and immediately after
(or, immediately before) .


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn