Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MB88154 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part No. MB88154
Description  Spread Spectrum Clock Generator
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB88154 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MB88154
8
■ RECOMMENDED OPERATING CONDITIONS
(VSS
= 0.0 V)
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Pin
Conditions
Value
Unit
Min
Typ
Max
Power supply voltage
VDD
VDD
3.0
3.3
3.6
V
“H” level input voltage
VIH
XIN,
SEL0,
SEL1
VDD
× 0.80
VDD
+ 0.3
V
“L” level input voltage
VIL
VSS
VDD
× 0.20
V
Input clock duty cycle
tDCI
XIN
16.6 MHz to
67 MHz
40
50
60
%
Operating temperature
Ta
⎯⎯
− 40
+ 85
°C
XIN
ta
tb
1.5 V
Input clock duty cycle (tDCI
= tb/ta)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn