Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74HCT02AD Datasheet(PDF) 4 Page - Integral Corp.

Part No. IN74HCT02AD
Description  Quad 2-Input NOR Gate (High-Performance Silicon-Gate CMOS)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HCT02AD Datasheet(HTML) 4 Page - Integral Corp.

  IN74HCT02AD Datasheet HTML 1Page - Integral Corp. IN74HCT02AD Datasheet HTML 2Page - Integral Corp. IN74HCT02AD Datasheet HTML 3Page - Integral Corp. IN74HCT02AD Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IN74HCT02A
18
AC ELECTRICAL CHARACTERISTICS(V
CC=5.0 V ± 10%, CL=50pF,Input tr=tf=6.0 ns)
Guaranteed Limit
Symbol
Parameter
25
°C
to
-55
°C
≤85°C
≤125°C
Unit
tPLH, tPHL
Maximum Propagation Delay, Input A or B to
Output Y (Figures 1 and 2)
16
20
24
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 2)
15
19
22
ns
CIN
Maximum Input Capacitance
10
10
10
pF
Power Dissipation Capacitance (Per Gate)
Typical @25
°C,V
CC=5.0 V
CPD
Used to determine the no-load dynamic power
consumption:
PD=CPDVCC
2f+I
CCVCC
25
pF
EXPANDED LOGIC DIAGRAM
(1/4 of the Device)
Figure 1. Switching Waveforms
Figure 2. Test Circuit


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn